Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACT72350 Datasheet(PDF) 37 Page - Qorvo, Inc

Part # ACT72350
Description  160V 3-phase BLDC Motor Driver with Integrated Power Manager and Configurable AFE
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

ACT72350 Datasheet(HTML) 37 Page - Qorvo, Inc

Back Button ACT72350 Datasheet HTML 33Page - Qorvo, Inc ACT72350 Datasheet HTML 34Page - Qorvo, Inc ACT72350 Datasheet HTML 35Page - Qorvo, Inc ACT72350 Datasheet HTML 36Page - Qorvo, Inc ACT72350 Datasheet HTML 37Page - Qorvo, Inc ACT72350 Datasheet HTML 38Page - Qorvo, Inc ACT72350 Datasheet HTML 39Page - Qorvo, Inc ACT72350 Datasheet HTML 40Page - Qorvo, Inc ACT72350 Datasheet HTML 41Page - Qorvo, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 97 page
background image
ACT72350 Data Sheet
160V 3 Phase BLDC Motor Driver
Data Sheet v1.1, 2025-02-17
Subject to change without notice
37 of 97
www.qorvo.com
®
11.14.5 SOC.FAULTENABLE
Register 11-5 SOC.FAULTENABLE (Fault enable, 04h)
2 This byte is unlocked for writing when UNLOCK = 1b.
BIT
NAME
ACCESS
2
RESET
DESCRIPTION
7
nVM24FLTEN
R/W
0x0
VM Fault Enable
0b: Disabled
1b: Fault Enabled (Asserts nFAULT)
6
nTMPWARNEN
R/W
0x0
Temperature Warning Fault Enable
0b: Disabled
1b: Fault Enabled (Asserts nFAULT)
5
nVPFLTEN
R/W
0x0
VP Fault Enable
0b: Disabled
1b: Fault Enabled (Asserts nFAULT)
4
nVSYSFLTEN
R/W
0x0
VSYS Fault Enable
0b: Disabled
1b: Fault Enabled (Asserts nFAULT)
3
RFU
R/W
0x0
Reserved, write as 0.
2
nLDOFLTEN
R/W
0x0
LDO Fault Enable
0b: Disabled
1b: Fault Enabled (Asserts nFAULT)
1
nPBINTEN
R/W
0x0
Push-button Fault Enable
0b: Disabled
1b: Fault Enabled (Asserts nFAULT)
0
nVPINTEN
R/W
0x0
VP Low Fault Enable
0b: Disabled
1b: Fault Enabled (Asserts nFAULT)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com