Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACT72350 Datasheet(PDF) 32 Page - Qorvo, Inc

Part # ACT72350
Description  160V 3-phase BLDC Motor Driver with Integrated Power Manager and Configurable AFE
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

ACT72350 Datasheet(HTML) 32 Page - Qorvo, Inc

Back Button ACT72350 Datasheet HTML 28Page - Qorvo, Inc ACT72350 Datasheet HTML 29Page - Qorvo, Inc ACT72350 Datasheet HTML 30Page - Qorvo, Inc ACT72350 Datasheet HTML 31Page - Qorvo, Inc ACT72350 Datasheet HTML 32Page - Qorvo, Inc ACT72350 Datasheet HTML 33Page - Qorvo, Inc ACT72350 Datasheet HTML 34Page - Qorvo, Inc ACT72350 Datasheet HTML 35Page - Qorvo, Inc ACT72350 Datasheet HTML 36Page - Qorvo, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 97 page
background image
ACT72350 Data Sheet
160V 3 Phase BLDC Motor Driver
Data Sheet v1.1, 2025-02-17
Subject to change without notice
32 of 97
www.qorvo.com
®
11.13 Register Summary
Table 11-5 CPM Register Summary
ADDRESS
REGISTER
DESCRIPTION
RESET
00h
SOC.FAULT
Fault condition indication register
00h
01h
SOC.STATUS
Hardware status condition register
00h
02h
SOC.MISC
Miscellaneous features register
00h
03h
SOC.PWRCTL
Power control register
00h
04h
SOC.FAULTENABLE
Power Manager fault mask register
00h
05h
SOC.WATCHDOG
SOC Watchdog configuration register
00h
2Bh
SOC.SYSCONF
Power Manager system configuration register
0Ch
7Eh
SOC.WDTPASS
SOC Watchdog Timer Password
00h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com