Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACT72350 Datasheet(PDF) 71 Page - Qorvo, Inc

Part # ACT72350
Description  160V 3-phase BLDC Motor Driver with Integrated Power Manager and Configurable AFE
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

ACT72350 Datasheet(HTML) 71 Page - Qorvo, Inc

Back Button ACT72350 Datasheet HTML 67Page - Qorvo, Inc ACT72350 Datasheet HTML 68Page - Qorvo, Inc ACT72350 Datasheet HTML 69Page - Qorvo, Inc ACT72350 Datasheet HTML 70Page - Qorvo, Inc ACT72350 Datasheet HTML 71Page - Qorvo, Inc ACT72350 Datasheet HTML 72Page - Qorvo, Inc ACT72350 Datasheet HTML 73Page - Qorvo, Inc ACT72350 Datasheet HTML 74Page - Qorvo, Inc ACT72350 Datasheet HTML 75Page - Qorvo, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 97 page
background image
ACT72350 Data Sheet
160V 3 Phase BLDC Motor Driver
Data Sheet v1.1, 2025-02-17
Subject to change without notice
71 of 97
www.qorvo.com
®
12.17.26
SOC.SIGINTF
Register 12-26 SOC.SIGINTF (AIO Interrupt Flag, 20h)
BIT
NAME
ACCESS
RESET
DESCRIPTION
7
HP32STAT
R
0b
HPROT32 Real-time status:
0b: Comparator output low
1b: Comparator output high
6
LP32STAT
R
0b
LPROT32 Real-time status:
0b: Comparator output low
1b: Comparator output high
5
HP10STAT
R
0b
HPROT10 Real-time status:
0b: Comparator output low
1b: Comparator output high
4
LP10STAT
R
0b
LPROT10 Real-time status:
0b: Comparator output low
1b: Comparator output high
3
AI9INTF
RW
0b
AI9 Interrupt Flag:
0b: No Interrupt
1b: Interrupt. Write 1b to clear.
2
AI8INTF
RW
0b
AI8 Interrupt Flag:
0b: No Interrupt
1b: Interrupt. Write 1b to clear.
1
AI7INTF
RW
0b
AI7 Interrupt Flag:
0b: No Interrupt
1b: Interrupt. Write 1b to clear.
0
AI6INTF
RW
0b
AI6 Interrupt Flag:
0b: No Interrupt
1b: Interrupt. Write 1b to clear.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com