Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACT72350 Datasheet(PDF) 27 Page - Qorvo, Inc

Part # ACT72350
Description  160V 3-phase BLDC Motor Driver with Integrated Power Manager and Configurable AFE
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

ACT72350 Datasheet(HTML) 27 Page - Qorvo, Inc

Back Button ACT72350 Datasheet HTML 23Page - Qorvo, Inc ACT72350 Datasheet HTML 24Page - Qorvo, Inc ACT72350 Datasheet HTML 25Page - Qorvo, Inc ACT72350 Datasheet HTML 26Page - Qorvo, Inc ACT72350 Datasheet HTML 27Page - Qorvo, Inc ACT72350 Datasheet HTML 28Page - Qorvo, Inc ACT72350 Datasheet HTML 29Page - Qorvo, Inc ACT72350 Datasheet HTML 30Page - Qorvo, Inc ACT72350 Datasheet HTML 31Page - Qorvo, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 97 page
background image
ACT72350 Data Sheet
160V 3 Phase BLDC Motor Driver
Data Sheet v1.1, 2025-02-17
Subject to change without notice
27 of 97
www.qorvo.com
®
microcontroller upon re-initialization to determine the cause of previous reset. This information is stored
within the SOC.FAULT.TMPFLT bit
A power monitoring signal VMON is provided onto the AIO6 buffered output for monitoring various internal
power supplies. VMON can be set to be one of the following monitored supplies:
0.4•VCC33, 0.4•VCCIO,
0.4•VSYS, VPTAT1 or 0.1•VP.
For power and temperature warning, an IC temperature warning event at 140°C are provided as a
maskable interrupt source into the application microcontroller, through the nFAULT output. This warning
could be employed to instruct the microcontroller to safely power down the system.
To allow Temperature Warning assertions on the nFAULT open drain output, write to the
SOC.FAULTENABLE.nTMPWARN bit. Alternatively, the external microcontroller can obtain the real time
status temperature warning bit by reading the SOC.FAULT.TMPWARN bit. If the Temperature Warning
fault issues a fault message, the state of this fault is latched within the SOC.FAULT.TMPWARN_LATCH.
In addition to the temperature warning interrupt and fault reset, a temperature monitor signal is provided
onto the AIO6 buffered output as an analog signal, which the application microcontroller can choose to
capture using its ADC resource, as a means to measure internal die temperature.
11.10 Voltage Reference
The reference block includes a 1.2V high-precision reference voltage used internally and for all the LDOs.
There is also a high-accuracy 2.5V/3.0V programmable reference for the ADC VREF. There is also a 4-
level programmable threshold voltage VTHREF (0.1V, 0.2V, 0.5V, and 1.25V) .
1 VPTAT is voltage proportional with absolute temperature from the temperature sensing circuit. The
VPTAT voltage can be sampled by the
external microcontroller’s ADC through the voltage monitoring
MUX at AO6, while AIO6 is in Output Buffer Mode
.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com