Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BMP585 Datasheet(PDF) 8 Page - Bosch Sensortec GmbH

Part # BMP585
Description  Barometric Pressure Sensor
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOSCH [Bosch Sensortec GmbH]
Direct Link  https://www.bosch-sensortec.com
Logo BOSCH - Bosch Sensortec GmbH

BMP585 Datasheet(HTML) 8 Page - Bosch Sensortec GmbH

Back Button BMP585 Datasheet HTML 4Page - Bosch Sensortec GmbH BMP585 Datasheet HTML 5Page - Bosch Sensortec GmbH BMP585 Datasheet HTML 6Page - Bosch Sensortec GmbH BMP585 Datasheet HTML 7Page - Bosch Sensortec GmbH BMP585 Datasheet HTML 8Page - Bosch Sensortec GmbH BMP585 Datasheet HTML 9Page - Bosch Sensortec GmbH BMP585 Datasheet HTML 10Page - Bosch Sensortec GmbH BMP585 Datasheet HTML 11Page - Bosch Sensortec GmbH BMP585 Datasheet HTML 12Page - Bosch Sensortec GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 71 page
background image
Bosch Sensortec
| BST-BMP585-DS003-02
8 | 71
© Bosch Sensortec GmbH 2023 | All rights reserved, also regarding any disposal, exploitation, reproduction, editing, distribution,
Document number: BST-BMP585-DS003-02
as well as in the event of applications for industrial property rights
1 Basic Description
The BMP585 is an absolute barometric pressure sensor. Its small dimensions, its low power consumption and the high-
end performance allow the implementation in a wide range of applications.
Key features:
Pressure operating range: 30...125 kPa
Temperature operating range: -40...+85°C
Ultra-low noise and current consumption:
Ultra-low noise: < 0.1 PaRMS natively (without low-pass filter enabled)
1.3 µA at 1 Hz in low power mode
Absolute pressure accuracy: ± 30 Pa (typ)
Relative pressure accuracy: ± 6 Pa (typ) per 10 kPa step
Pressure Temperature-induced offset: ± 0.5 Pa/K (typ)
BMP585 provides true absolute pressure and temperature, due to on-chip linearization and temperature-
compensation
Primary digital interface with 12 MHz slave SPI (4-wire, 3-wire), 12.5 MHz I3C and up to 1 MHz I²C (Fm+)
Output data rates:
o up to 622 Hz in FORCED mode
o up to 480 Hz in CONTINOUS mode
o 0.125…240 Hz in NORMAL mode
Wide power supply range: VDD 1.71...3.6 V and VDDIO 1.08...3.6 V, both independent
Programmable low-pass filter
On-chip FIFO buffer for up to 32 pressure samples
Programmable interrupts, including pressure-changed detection
6 bytes user programmable non-volatile memory
Compact 8-pin metal-lid LGA package with a footprint of typ. 3.25 × 3.25 mm2 and max. 1.96 mm package
height.
RoHS compliant, halogen and lead free
Media-robustness
o No impact on performance and reliability by storage at 15 bar
o No failure upon exposure to common household chemicals (chlorine bleach, acetic acid, acetone, oleic
acid, and insect repellent)
o Robustness of package to a combination of environmental stress factors (such as heat, moisture and
mechanical forces)
o Proposal for Second Level design available to facilitate customers the system integration procedure
Typical applications:
Enhancement of GPS navigation (e.g., time-to-first-fix improvement, dead-reckoning, slope detection)
Indoor navigation (floor detection, elevator detection)
Outdoor navigation
Sports applications like calorie counting, fitness activity identification, including water sports
Emergency caller location
Weather forecast
Vertical velocity indication (e.g., rise/sink speed)
Altitude control of drones and flying toys



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com