| Electronic Components Datasheet Search |
|
BMP585 Datasheet(PDF) 23 Page - Bosch Sensortec GmbH |
|
|
|||||||||||||||||||||||||||||
BMP585 Datasheet(HTML) 23 Page - Bosch Sensortec GmbH |
|
23 / 71 page ![]() Bosch Sensortec | BST-BMP585-DS003-02 23 | 71 © Bosch Sensortec GmbH 2023 | All rights reserved, also regarding any disposal, exploitation, reproduction, editing, distribution, Document number: BST-BMP585-DS003-02 as well as in the event of applications for industrial property rights 4.5 Data registers Data from the most recent measurement is present in data registers. The DSP_CONFIG.swdw_sel_iir_t and DSP_CONFIG.swdw_sel_iir_t select if IIR-filtered data or unfiltered data is presented in the data registers. Temperature data is contained in the registers TEMP_DATA_MSB, TEMP_DATA_LSB, TEMP_DATA_XLSB. The registers shall be interpreted in the following way: T [°C] = ( TEMP_DATA_MSB,TEMP_DATA_LSB,TEMP_DATA_XLSB 216 ) Pressure data is contained in the registers PRESS_DATA_MSB, PRESS_DATA_LSB, PRESS_DATA_XLSB. The registers shall be interpreted in the following way: p [Pa] = ( PRESS_DATA_MSB,PRESS_DATA_LSB,PRESS_DATA_XLSB 26 ) In both equations, the divisions can be implemented by a simple and efficient bit-wise right shift operation. To read out data after a conversion, it is strongly recommended to use a burst read and not address every register individually. 4.5.1 Data Shadowing In normal mode, measurement timing is not necessarily synchronized to readout. This means that new measurement results may become available while the user is reading the results from the previous measurement. In this case, shadowing is performed in order to guarantee data consistency. Shadowing will only work if all data registers are read in a single burst read. Therefore, the user must use burst reads if he does not synchronize data readout with the measurement cycle. Using several independent read commands may result in inconsistent data. If a new measurement is finished and the data registers are still being read, the new measurement results are transferred into shadow data registers. The content of shadow registers is transferred into data registers as soon as the user ends the burst read, even if not all data registers were read. Reading across several data registers can therefore only be guaranteed to be consistent within one measurement cycle if a single burst read command is used. After the end of the burst read, all user data registers are updated at once with the shadowed data. 4.6 FIFO The BMP585 contains a first-in first-out (FIFO) data buffer. Pressure and temperature data is stored in the FIFO in frames. Each frame contains the data from one measurement. The maximum number of frames depends on which data is stored in the FIFO: 16 frames if both pressure and temperature are stored 32 frames if only pressure or temperature is stored 4.6.1 FIFO Configuration The FIFO frame type is selected by FIFO_SEL.fifo_frame_sel: 0b00: FIFO not enabled 0b01: Only Temperature data is stored (T-mode) 0b10: Only Pressure data is stored (P-mode) 0b11: Pressure and temperature data is stored (PT-mode) The operational mode can be controlled via the FIFO_CONFIG.cfg_fifo_mode register: 1’b0: streaming mode 1’b1: stop on full mode |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |