Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BMP585 Datasheet(PDF) 27 Page - Bosch Sensortec GmbH

Part # BMP585
Description  Barometric Pressure Sensor
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOSCH [Bosch Sensortec GmbH]
Direct Link  https://www.bosch-sensortec.com
Logo BOSCH - Bosch Sensortec GmbH

BMP585 Datasheet(HTML) 27 Page - Bosch Sensortec GmbH

Back Button BMP585 Datasheet HTML 23Page - Bosch Sensortec GmbH BMP585 Datasheet HTML 24Page - Bosch Sensortec GmbH BMP585 Datasheet HTML 25Page - Bosch Sensortec GmbH BMP585 Datasheet HTML 26Page - Bosch Sensortec GmbH BMP585 Datasheet HTML 27Page - Bosch Sensortec GmbH BMP585 Datasheet HTML 28Page - Bosch Sensortec GmbH BMP585 Datasheet HTML 29Page - Bosch Sensortec GmbH BMP585 Datasheet HTML 30Page - Bosch Sensortec GmbH BMP585 Datasheet HTML 31Page - Bosch Sensortec GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 71 page
background image
Bosch Sensortec
| BST-BMP585-DS003-02
27 | 71
© Bosch Sensortec GmbH 2023 | All rights reserved, also regarding any disposal, exploitation, reproduction, editing, distribution,
Document number: BST-BMP585-DS003-02
as well as in the event of applications for industrial property rights
4.7.2.4
Power-on reset interrupt
The power-on rest (POR) interrupt is triggered each time the BMP585 comes out of a power-up reset. This can happen if
the supply to the device is ramped up, or if the supply was so instable that the BMP585 performed a brown-out with
subsequent power-up reset. The POR interrupt signals that the BMP585 is ready to use.
POR interrupts are not supported with I3C IBI, as the device is not in a state where I3C is initialized after power-up reset.
Also, the interrupt pin will not flag a POR interrupt, as the interrupt pin is disabled after power-up.
The status of the interrupt can be read from INT_STATUS.por. A read of the INT_STATUS will clear the status.
4.7.3 Interrupt pin
The BMP585 provides an interrupt pin (INT), which allows to signal certain events to the host processor.
4.7.3.1
Interrupt pin configuration
The behavior of the interrupt pin can be configured in INT_CONFIG with these fields:
int_mode: The interrupt mode can be „pulsed“ or „latched“. Latching determines when an interrupt is released (see
section 4.7.3.2 for details)
int_pol: The interrupt polarity can be configured to be either „active high“ or „active low“
int_od: The interrupt pin can be configured to be „open-drain“ or push-pull“
int_en: The interrupt pin can be enabled. With enabled interrupt pin, all interrupt sources configured in
INT_-SOURCE will be OR’ed on the interrupt pin.
4.7.3.2
Interrupt Timings
Interrupt timings depend strongly on the int_mode setting:
Pulsed mode. In the pulsed mode the INT pin creates a pulse on the interrupt pin, each time an interrupt condition changes from
FALSE to TRUE, and the interrupt source is enabled in INT_SOURCE.
Figure 5 shows the timing of pulsed mode.
The pulse length is tint_pulse. Between two pulses, there is a minimum gap of tint_deassert in which the pin will stay de-
asserted.
Figure 5: INT pin timing in pulsed mode
Latched Mode. In latched mode, the INT pin is asserted as long as an interrupt condition is TRUE, and the interrupt
source is enabled in INT_SOURCE. Between two adjacent assertions if the INT pin, there is a minimum gap of tint_deassert.
Figure 6 shows the timing of latched mode.
The de-assertion of the INT pin in latched mode depends is handled in the following way:
FIFO interrupts will be de-asserted when the interrupt condition does not apply any more. There is no dependency
on the setting of INT_STATUS.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com