Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BMP585 Datasheet(PDF) 20 Page - Bosch Sensortec GmbH

Part # BMP585
Description  Barometric Pressure Sensor
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOSCH [Bosch Sensortec GmbH]
Direct Link  https://www.bosch-sensortec.com
Logo BOSCH - Bosch Sensortec GmbH

BMP585 Datasheet(HTML) 20 Page - Bosch Sensortec GmbH

Back Button BMP585 Datasheet HTML 16Page - Bosch Sensortec GmbH BMP585 Datasheet HTML 17Page - Bosch Sensortec GmbH BMP585 Datasheet HTML 18Page - Bosch Sensortec GmbH BMP585 Datasheet HTML 19Page - Bosch Sensortec GmbH BMP585 Datasheet HTML 20Page - Bosch Sensortec GmbH BMP585 Datasheet HTML 21Page - Bosch Sensortec GmbH BMP585 Datasheet HTML 22Page - Bosch Sensortec GmbH BMP585 Datasheet HTML 23Page - Bosch Sensortec GmbH BMP585 Datasheet HTML 24Page - Bosch Sensortec GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 71 page
background image
Bosch Sensortec
| BST-BMP585-DS003-02
20 | 71
© Bosch Sensortec GmbH 2023 | All rights reserved, also regarding any disposal, exploitation, reproduction, editing, distribution,
Document number: BST-BMP585-DS003-02
as well as in the event of applications for industrial property rights
4.4 Measurements
4.4.1 Pressure and temperature measurement enable
The BMP585 can either measure temperature only, or both temperature and pressure. Pressure-only measurement is
not supported, as temperature data is needed for the temperature compensation of the pressure data.1
Pressure and temperature will be measured if any of these conditions is true:
OSR_CONFIG.press_en ==1, or
FIFO_SEL.fifo_frame_sel == 0b10, or
FIFO_SEL.fifo_frame_sel == 0b11
If none of these settings is made, the sensor will measure temperature only.
4.4.2 Pressure and temperature oversampling ratio (OSR)
Oversampling extends the measurement time per measurement by the oversampling factor. Higher oversampling factors
offer decreased noise at the cost of higher power consumption.
Oversampling can be set individually for pressure and temperature in register fields OSR_CONFIG.osr_p and OSR_-
CONFIG.osr_t. The duration of the sampling phase is given by tconv_p and tconv_t. Table 7 shows the maximum ODR for
each oversampling setting. Recommended settings are shown in Table 9.
Table 9: Oversampling settings
Oversampling setting
osr_p
Pressure
oversampling
Temperature
oversampling
Typical
pressure
RMS noise
at 100 kPa
Typical ODR in
CONTINUOUS
mode
Lowest power
000
×1
×1
0.78 Pa
498 Hz
001
×2
×1
0.58 Pa
374 Hz
Standard resolution
010
×4
×1
0.41 Pa
255 Hz
011
×8
×1
0.30 Pa
155 Hz
High resolution
100
×16
×1
0.21 Pa
87 Hz
101
×32
×2
0.15 Pa
46 Hz
110
×64
×4
0.11 Pa
24 Hz
Highest resolution
111
×128
×8
0.08 Pa
12 Hz
Note: The noise values refer to the sensor-intrinsic noise. Already at standard resolution, the noise or fluctuations of the
air pressure itself may be higher than the noise of the sensor, and thus be dominant. This ambient noise is typically
stronger at lower frequencies. Any increase of the ODR does not reduce this type of noise, because this frequency range
is of interest for many applications and thus is not attenuated by the sensor. If low frequency noise is a problem in a use
case, it is recommended to employ low pass filtering, for example by using the build-in IIR-filter.
4.4.3 Configuration changes in NORMAL and CONTINUOUS mode
If any of these changes is applied during NORMAL and CONTINUOUS mode:
OSR_CONFIG.press_en
OSR_CONFIG.osr_t
OSR_CONFIG.osr_p
ODR_CONFIG.odr (NORMAL mode only)
Measurements will restart with the new settings after treconf. If DEEP_SLEEP is enabled in NORMAL mode, it will start
after treconf_deep.
1
However, the sensor can be configured to output the pressure only data to the FIFO, see section 4.6.1 FIFO Configuration.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com