Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BMP585 Datasheet(PDF) 25 Page - Bosch Sensortec GmbH

Part # BMP585
Description  Barometric Pressure Sensor
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOSCH [Bosch Sensortec GmbH]
Direct Link  https://www.bosch-sensortec.com
Logo BOSCH - Bosch Sensortec GmbH

BMP585 Datasheet(HTML) 25 Page - Bosch Sensortec GmbH

Back Button BMP585 Datasheet HTML 21Page - Bosch Sensortec GmbH BMP585 Datasheet HTML 22Page - Bosch Sensortec GmbH BMP585 Datasheet HTML 23Page - Bosch Sensortec GmbH BMP585 Datasheet HTML 24Page - Bosch Sensortec GmbH BMP585 Datasheet HTML 25Page - Bosch Sensortec GmbH BMP585 Datasheet HTML 26Page - Bosch Sensortec GmbH BMP585 Datasheet HTML 27Page - Bosch Sensortec GmbH BMP585 Datasheet HTML 28Page - Bosch Sensortec GmbH BMP585 Datasheet HTML 29Page - Bosch Sensortec GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 71 page
background image
Bosch Sensortec
| BST-BMP585-DS003-02
25 | 71
© Bosch Sensortec GmbH 2023 | All rights reserved, also regarding any disposal, exploitation, reproduction, editing, distribution,
Document number: BST-BMP585-DS003-02
as well as in the event of applications for industrial property rights
Table 13: FIFO pressure frame (P-frame)
Table 14: FIFO empty frame
4.6.4 FIFO configuration changes
The FIFO is flushed on any of the following conditions:
a change in the sensor configuration:
o OSR_CONFIG.osr_t
o OSR_CONFIG.osr_p
o ODR_CONFIG.odr
o ODR_CONFIG.pwr_mode
a change in the frame configuration:
o FIFO_SEL.fifo_frame_sel
o FIFO_SEL.cfg_fifo_dec_sel
The flush will empty the FIFO, reset the FIFO_COUNT register, and clear the interrupt conditions.
The completion of the FIFO flush is finished within treconf, or treconf_deep if the device is in deep sleep. The FIFO_COUNT
should not be read before the flush has been finished, as the result may be inconsistent.
If the register FIFO_CONFIG_fifo_threshold is written, the resulting interrupt status bits will be immediately updated
according to the new threshold.
The register FIFO_SEL must only be changed in STANDBY mode.
4.7 Interrupts
The BMP585 provides an interrupt pin (INT), which allows to signal certain events to the host processor. Different events
can be mapped to the interrupt pin, which all are processed with a logical OR.
BMP585 also supports I3C‘s in-band interrupt (IBI). This allows the use of interrupt functionality without the need of a
dedicated INT signal line. For documentation of the I3C IBI functionality, see section 5.7.2 "I3C In-band Interrupts".
The available interrupts are listed below, and will be detailed in following subsections:
FIFO watermark interrupt
FIFO full interrupt
Data ready interrupt
Pressure out-of-range interrupt
Power-on reset (POR) interrupt
4.7.1 Interrupt enabling
The individual interrupts sources can be enabled in the INT_SOURCE register. An exception is the POR interrupt, which
is always enabled. With enabled interrupt sources:
their individual status is available from the INT_STATUS register,
I3C in-band interrupts can be used (see section 5.7.2 "I3C In-band Interrupts"), and
the interrupt pin can be used, see section 4.7.3.
7
6
5
4
3
2
1
0
Pressure
pressure XLSB
press LSB
press MSB
7
6
5
4
3
2
1
0
Empty
0x7F



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com