Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BMP585 Datasheet(PDF) 46 Page - Bosch Sensortec GmbH

Part # BMP585
Description  Barometric Pressure Sensor
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOSCH [Bosch Sensortec GmbH]
Direct Link  https://www.bosch-sensortec.com
Logo BOSCH - Bosch Sensortec GmbH

BMP585 Datasheet(HTML) 46 Page - Bosch Sensortec GmbH

Back Button BMP585 Datasheet HTML 42Page - Bosch Sensortec GmbH BMP585 Datasheet HTML 43Page - Bosch Sensortec GmbH BMP585 Datasheet HTML 44Page - Bosch Sensortec GmbH BMP585 Datasheet HTML 45Page - Bosch Sensortec GmbH BMP585 Datasheet HTML 46Page - Bosch Sensortec GmbH BMP585 Datasheet HTML 47Page - Bosch Sensortec GmbH BMP585 Datasheet HTML 48Page - Bosch Sensortec GmbH BMP585 Datasheet HTML 49Page - Bosch Sensortec GmbH BMP585 Datasheet HTML 50Page - Bosch Sensortec GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 71 page
background image
Bosch Sensortec
| BST-BMP585-DS003-02
46 | 71
© Bosch Sensortec GmbH 2023 | All rights reserved, also regarding any disposal, exploitation, reproduction, editing, distribution,
Document number: BST-BMP585-DS003-02
as well as in the event of applications for industrial property rights
6.2 Connection Diagrams
The sensor (including the ASIC) should be used in one of the following four configurations on application level. In all
connection scenarios:
all VSS pins must be connected to GND.
if the INT pin is not used, it is recommended to be connect it to GND, rather than leaving it floating. In the case of
GND connection, the interrupt pin must be disabled by keeping INT_CONFIG.int_en disabled. If the INT pin must be
unconnected in the application, it is recommended to use the following settings for INT_CONFIG:
o INT_CONFIG.int_en = 1
o INT_CONFIG.int_od = 0
o INT_CONFIG.pad_int_drv = 0
6.2.1 SPI 3-wire
Figure 23: SPI 3-wire connection diagram
The SDO pin must be left floating. The reason is, that the device starts in SPI4 mode after power-up, and drives SDO until
the switch to SPI3 is commanded.
The SDI pin must be driven to either low or high voltage when no communication takes place. Otherwise, a floating SDI
may create excessive power consumption (and on the long-term potentially also damage to the device), as the input pad
is not disabled.
BMP585
VDDIO
VSS
VDD
SCK
CSB
SDX
SDO
INT
100 nF
100 nF
VDDIO
VDD
1.2…3.3 V
1.8…3.3 V
X



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com