Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BMP585 Datasheet(PDF) 18 Page - Bosch Sensortec GmbH

Part # BMP585
Description  Barometric Pressure Sensor
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOSCH [Bosch Sensortec GmbH]
Direct Link  https://www.bosch-sensortec.com
Logo BOSCH - Bosch Sensortec GmbH

BMP585 Datasheet(HTML) 18 Page - Bosch Sensortec GmbH

Back Button BMP585 Datasheet HTML 14Page - Bosch Sensortec GmbH BMP585 Datasheet HTML 15Page - Bosch Sensortec GmbH BMP585 Datasheet HTML 16Page - Bosch Sensortec GmbH BMP585 Datasheet HTML 17Page - Bosch Sensortec GmbH BMP585 Datasheet HTML 18Page - Bosch Sensortec GmbH BMP585 Datasheet HTML 19Page - Bosch Sensortec GmbH BMP585 Datasheet HTML 20Page - Bosch Sensortec GmbH BMP585 Datasheet HTML 21Page - Bosch Sensortec GmbH BMP585 Datasheet HTML 22Page - Bosch Sensortec GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 71 page
background image
Bosch Sensortec
| BST-BMP585-DS003-02
18 | 71
© Bosch Sensortec GmbH 2023 | All rights reserved, also regarding any disposal, exploitation, reproduction, editing, distribution,
Document number: BST-BMP585-DS003-02
as well as in the event of applications for industrial property rights
4.3.3 FORCED mode
In FORCED mode, a single measurement is performed according to selected measurement and filter options. When the
measurement is finished, the sensor returns to sleep mode and the measurement results can be obtained from the data
registers. For a next measurement, forced mode needs to be selected again. Forced mode is recommended for
applications which require very low sampling rate or host-based synchronization. Forced mode may also be used if an
ODR higher than 240 Hz is needed.
4.3.4 NORMAL mode
Normal mode performs pressure measurements with a configurable frequency, which is the output data rate (ODR). The
ODR can be set in ODR_CONFIG.odr. Normal mode continuously cycles between an (active) measurement period and
an (inactive) standby period. In normal mode, the most recent measurement result can be directly obtained from the data
registers. Alternatively, the latest measurement results can be obtained from the FIFO.
Normal mode is recommended if pressure needs to be sampled in regular intervals, but none of the conditions apply
where FORCED and CONTINOUS mode may be favorable.
The ODR_CONFIG.odr register field is used to define the output data rate (ODR) if the BMP585. Data rates between
0.125 and 240 Hz can be selected. For the full list of available ODRs, see the register description. Not all combinations
of OSR and ODRs are valid, as measurement times may not fit into an ODR cycle. Table 7 shows the maximum ODR for
a given ODR setting.
Table 7: maximum nominal ODR setting per OSR settings in NORMAL mode
max ODR
[Hz]
OSR_T
1
2
4
8
16
32
64
128
1
240.00
240.00
240.00
240.00
200.00
130.00
80.00
40.00
2
240.00
240.00
240.00
220.00
180.00
120.00
70.00
40.00
4
220.00
220.00
200.00
180.00
140.00
100.00
70.00
40.00
8
140.00
140.00
130.00
120.00
100.00
80.00
50.00
35.00
16
80.00
80.00
80.00
70.00
70.00
50.00
45.00
30.00
32
45.00
45.00
40.00
40.00
40.00
35.00
30.00
20.00
64
20.00
20.00
20.00
20.00
20.00
20.00
15.00
15.00
128
10.00
10.00
10.00
10.00
10.00
10.00
10.00
5.00
Table 8: Maximum nominal ODR setting per OSR settings in NORMAL mode for temperature only measurements
max ODR
[Hz]
OSR_T
1
2
4
8
16
32
64
128
240.00
240.00
240.00
240.00
200.00
130.00
80.00
40.00
Configuration Check. BMP585 has an automatic configuration checking, which is functional in NORMAL mode and when
both temperature and pressure measurements are enabled. If a configuration is not valid, this will be indicated by the
OSR_EFF.odr_is_valid register field. If a measurement with an invalid setting is started, the BMP585 will run with the
specified ODR, but use a default setting for the ODRs:
For ODRs ≥ 160Hz, both OSRs will be set to 1
For all ODRs <160Hz, both OSRs will be set to 2
The effective ODRs are available in the register fields OSR_EFF.osr_t_eff and OSR_EFF.osr_p_eff. This action of
alignment and check is done in NORMAL mode only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com