Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BMP585 Datasheet(PDF) 11 Page - Bosch Sensortec GmbH

Part # BMP585
Description  Barometric Pressure Sensor
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOSCH [Bosch Sensortec GmbH]
Direct Link  https://www.bosch-sensortec.com
Logo BOSCH - Bosch Sensortec GmbH

BMP585 Datasheet(HTML) 11 Page - Bosch Sensortec GmbH

Back Button BMP585 Datasheet HTML 7Page - Bosch Sensortec GmbH BMP585 Datasheet HTML 8Page - Bosch Sensortec GmbH BMP585 Datasheet HTML 9Page - Bosch Sensortec GmbH BMP585 Datasheet HTML 10Page - Bosch Sensortec GmbH BMP585 Datasheet HTML 11Page - Bosch Sensortec GmbH BMP585 Datasheet HTML 12Page - Bosch Sensortec GmbH BMP585 Datasheet HTML 13Page - Bosch Sensortec GmbH BMP585 Datasheet HTML 14Page - Bosch Sensortec GmbH BMP585 Datasheet HTML 15Page - Bosch Sensortec GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 71 page
background image
Bosch Sensortec
| BST-BMP585-DS003-02
11 | 71
© Bosch Sensortec GmbH 2023 | All rights reserved, also regarding any disposal, exploitation, reproduction, editing, distribution,
Document number: BST-BMP585-DS003-02
as well as in the event of applications for industrial property rights
Table 1: Pressure Performance
Parameter
Symbol
Comment
Min
Typ
Max
Unit
Pressure measurement
range
P
30
+125
kPa
Temperature range
TA
Pressure measured
in the entire
temperature
operational range
-40
+85
°C
Absolute Pressure
accuracy, pre solder,
Extended Range
Ap_abs
Extended Range,
including TCO
±30
Pa
Absolute Pressure
accuracy, post solder,
Extended Range
Ap_abs_soldered
Extended Range,
incl. solder drift,
TCO
±60
Pa
Absolute accuracy
pressure, post solder,
Operational Range
Operational Range,
incl. solder drift,
TCO
±85
Pa
Relative pressure
accuracy
Ap_rel
Core Range,
10 kPa steps
±6
Pa
Offset temperature
coefficient, pre solder
TCO
Extended Range,
10 K steps
±0.5
Pa/K
Offset temperature
coefficient, post solder,
Extended Range
TCO
Extended Range,
10 K steps, incl.
solder drift
±0.5
Pa/K
Pressure data resolution
Ap_res
1/64
Pa
Pressure noise
Vp_low_power
OSR set to „lowest
power“ at
100 kPa
0.78
+0.95
PaRMS
Pressure noise
Vp_hi_res
OSR set to “high
resolution” at
100 kPa
0.21
+0.25
PaRMS
Pressure noise
Vp_high_res
OSR set to „highest
resolution“ at
100 kPa
0.08
PaRMS
Absolute accuracy
pressure – total, post
solder, post stress
Ap_abs_total
Extended Range,
incl. solder drift, TCO
and 1 year lifetimea
±65
Pa
Absolute pressure
accuracy post- stress b
Ap_abs_post_qual
Extended Range,
including TCO
±92
Pa
Relative pressure
accuracy post- stress c
Ap_rel_post_qual
Core Range,
10 kPa steps
±15
Pa
Sensitivity error, post
solder post-stress
Extended Range,
incl. solder drift
±0.15
%
Offset temperature
Coefficient, post stressd
TCOpost_qual
Extended Range,
10 K steps
±0.8
Pa/K
Long term drift
∆
Pstab_long
Extended Range,
Drift during 1 yeare
±15
Pa
Short term drift
∆
Pstab_short
Drift during 24 h at
constant pressure
(100 kPa) and
temperature (25°C)
±1.5
Pa
Short term drift
∆
Pstab_1ht
Drift during 1 h at
constant pressure
(100 kPa) and
temperature (25°C)
±1.1
Pa



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com