Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC16F18323-E/SLSQTP Datasheet(PDF) 108 Page - Microchip Technology

Part # PIC16F18323-E/SLSQTP
Description  Full-Featured, Low Pin Count Microcontrollers with XLP
PDF  442 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F18323-E/SLSQTP Datasheet(HTML) 108 Page - Microchip Technology

Back Button PIC16F18323-E/SLSQTP Datasheet HTML 104Page - Microchip Technology PIC16F18323-E/SLSQTP Datasheet HTML 105Page - Microchip Technology PIC16F18323-E/SLSQTP Datasheet HTML 106Page - Microchip Technology PIC16F18323-E/SLSQTP Datasheet HTML 107Page - Microchip Technology PIC16F18323-E/SLSQTP Datasheet HTML 108Page - Microchip Technology PIC16F18323-E/SLSQTP Datasheet HTML 109Page - Microchip Technology PIC16F18323-E/SLSQTP Datasheet HTML 110Page - Microchip Technology PIC16F18323-E/SLSQTP Datasheet HTML 111Page - Microchip Technology PIC16F18323-E/SLSQTP Datasheet HTML 112Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 108 / 442 page
background image
PIC16(L)F18313/18323
DS40001799A-page 108
Preliminary
 2015 Microchip Technology Inc.
TABLE 9-3:
SUMMARY OF REGISTERS ASSOCIATED WITH WATCHDOG TIMER
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Register
on Page
STATUS
———
TO
PD
ZDC
C
21
WDTCON
—
—
WDTPS<4:0>
SWDTEN
107
Legend: x
= unknown, u = unchanged, – = unimplemented locations read as ‘0’. Shaded cells are not used by
Watchdog Timer.
TABLE 9-4:
SUMMARY OF CONFIGURATION WORD WITH WATCHDOG TIMER
Name
Bits
Bit -/7
Bit -/6
Bit 13/5
Bit 12/4
Bit 11/3
Bit 10/2
Bit 9/1
Bit 8/0
Register
on Page
CONFIG2
13:8
—
—
DEBUG
STVREN
PPS1WAY
—
BORV
—
51
7:0
BOREN1
BOREN0
LPBOREN
—WDTE1
WDTE0
PWRTE
MCLRE
Legend:
— = unimplemented location, read as ‘0’. Shaded cells are not used by Watchdog Timer.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com