Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC16F18323-E/SLSQTP Datasheet(PDF) 110 Page - Microchip Technology

Part # PIC16F18323-E/SLSQTP
Description  Full-Featured, Low Pin Count Microcontrollers with XLP
PDF  442 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F18323-E/SLSQTP Datasheet(HTML) 110 Page - Microchip Technology

Back Button PIC16F18323-E/SLSQTP Datasheet HTML 106Page - Microchip Technology PIC16F18323-E/SLSQTP Datasheet HTML 107Page - Microchip Technology PIC16F18323-E/SLSQTP Datasheet HTML 108Page - Microchip Technology PIC16F18323-E/SLSQTP Datasheet HTML 109Page - Microchip Technology PIC16F18323-E/SLSQTP Datasheet HTML 110Page - Microchip Technology PIC16F18323-E/SLSQTP Datasheet HTML 111Page - Microchip Technology PIC16F18323-E/SLSQTP Datasheet HTML 112Page - Microchip Technology PIC16F18323-E/SLSQTP Datasheet HTML 113Page - Microchip Technology PIC16F18323-E/SLSQTP Datasheet HTML 114Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 110 / 442 page
background image
PIC16(L)F18313/18323
DS40001799A-page 110
Preliminary
 2015 Microchip Technology Inc.
10.2
Data EEPROM
Data EEPROM consists of 256 bytes of user data
memory. The EEPROM provides storage locations for
8-bit user defined data.
EEPROM can be read and/or written through:
• FSR/INDF indirect access (Section 10.3 “FSR
and INDF Access”
)
• NVMREG access (Section 10.4 “NVMREG
Access”
)
• In-Circuit Serial Programming (ICSP)
Unlike Program Flash Memory, which must be written
to by row, EEPROM can be written to word by word.
10.3
FSR and INDF Access
The FSR and INDF registers allow indirect access to
the Program Flash Memory or EEPROM.
10.3.1
FSR READ
With the intended address loaded into an FSR register
a MOVIW instruction or read of INDF will read data from
the Program Flash Memory or EEPROM.
Reading from NVM requires one instruction cycle. The
CPU operation is suspended during the read, and
resumes immediately after. Read operations return a
single word of memory.
10.3.2
FSR WRITE
Writing/erasing the NVM through the FSR registers (ex.
MOVWI
instruction)
is
not
supported
in
the
PIC16(L)F18313/18323 devices.
10.4
NVMREG Access
The NVMREG interface allows read/write access to all
the locations accessible by FSRs, and also read/write
access to the User ID locations, and read-only access
to the device identification, revision, and Configuration
data.
Reading, writing, or erasing of NVM via the NVMREG
interface
is
prevented
when
the
device
is
code-protected.
10.4.1
NVMREG READ OPERATION
To read a NVM location using the NVMREG interface
the user must:
1.
Clear the NVMREGS bit of the NVMCON1
register if the user intends to access the
Program Flash Memory locations, or set
NMVREGS if the user intends to access User
ID, Configuration, or EEPROM locations.
2.
Write
the
desired
address
into
the
NVMADRH:NVMADRL
register
pair
(Table 10-2).
3.
Set the RD bit of the NVMCON1 register to
initiate the read.
Once the read control bit is set, the CPU operation is
suspended during the read, and resumes immediately
after. The data is available in the very next cycle, in the
NVMDATH:NVMDATL register pair; therefore, it can be
read as two bytes in the following instructions.
NVMDATH:NVMDATL register pair will hold this value
until another read or until it is written to by the user.
Upon completion, the RD bit is cleared by hardware.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com