Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DRV5023FAQDBZR Datasheet(PDF) 16 Page - Texas Instruments

Part # DRV5023FAQDBZR
Description  DRV5023 Digital-Switch Hall Effect Sensor
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DRV5023FAQDBZR Datasheet(HTML) 16 Page - Texas Instruments

Back Button DRV5023FAQDBZR Datasheet HTML 12Page - Texas Instruments DRV5023FAQDBZR Datasheet HTML 13Page - Texas Instruments DRV5023FAQDBZR Datasheet HTML 14Page - Texas Instruments DRV5023FAQDBZR Datasheet HTML 15Page - Texas Instruments DRV5023FAQDBZR Datasheet HTML 16Page - Texas Instruments DRV5023FAQDBZR Datasheet HTML 17Page - Texas Instruments DRV5023FAQDBZR Datasheet HTML 18Page - Texas Instruments DRV5023FAQDBZR Datasheet HTML 19Page - Texas Instruments DRV5023FAQDBZR Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 32 page
background image
2
1
3
C1
0.01 µF
(minimum)
OUT
VCC
R1
10 k
Ÿ
C2
680 pF
(Optional)
VCC
16
DRV5023
SLIS151G – MAY 2014 – REVISED SEPTEMBER 2016
www.ti.com
Product Folder Links: DRV5023
Submit Documentation Feedback
Copyright © 2014–2016, Texas Instruments Incorporated
8 Application and Implementation
NOTE
Information in the following applications sections is not part of the TI component
specification, and TI does not warrant its accuracy or completeness. TI’s customers are
responsible for determining suitability of components for their purposes. Customers should
validate and test their design implementation to confirm system functionality.
8.1 Application Information
The DRV5023 device is used in magnetic-field sensing applications.
8.2 Typical Applications
8.2.1 Standard Circuit
Figure 18. Typical Application Circuit
8.2.1.1 Design Requirements
For this design example, use the parameters listed in Table 2 as the input parameters.
Table 2. Design Parameters
DESIGN PARAMETER
REFERENCE
EXAMPLE VALUE
Supply voltage
VCC
3.2 to 3.4 V
System bandwidth
ƒBW
10 kHz
(1)
REF is not a pin on the DRV5023 device, but a REF supply-voltage pullup is required for the OUT pin; the OUT pin may be pulled up to
VCC.
8.2.1.2 Detailed Design Procedure
Table 3. External Components
COMPONENT
PIN 1
PIN 2
RECOMMENDED
C1
VCC
GND
A 0.01-µF (minimum) ceramic capacitor rated for VCC
C2
OUT
GND
Optional: Place a ceramic capacitor to GND
R1
OUT
REF(1)
Requires a resistor pullup



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com