Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DRV5023FAQDBZR Datasheet(PDF) 1 Page - Texas Instruments

Part # DRV5023FAQDBZR
Description  DRV5023 Digital-Switch Hall Effect Sensor
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DRV5023FAQDBZR Datasheet(HTML) 1 Page - Texas Instruments

  DRV5023FAQDBZR Datasheet HTML 1Page - Texas Instruments DRV5023FAQDBZR Datasheet HTML 2Page - Texas Instruments DRV5023FAQDBZR Datasheet HTML 3Page - Texas Instruments DRV5023FAQDBZR Datasheet HTML 4Page - Texas Instruments DRV5023FAQDBZR Datasheet HTML 5Page - Texas Instruments DRV5023FAQDBZR Datasheet HTML 6Page - Texas Instruments DRV5023FAQDBZR Datasheet HTML 7Page - Texas Instruments DRV5023FAQDBZR Datasheet HTML 8Page - Texas Instruments DRV5023FAQDBZR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 32 page
background image
OUT
BOP
BRP
BOF
Bhys
B (mT)
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.
DRV5023
SLIS151G – MAY 2014 – REVISED SEPTEMBER 2016
DRV5023 Digital-Switch Hall Effect Sensor
1
1 Features
1
•
Digital Unipolar-Switch Hall Sensor
•
Superior Temperature Stability
–
Sensitivity ±10% Over Temperature
•
Multiple Sensitivity Options (BOP / BRP):
–
3.5 / 2 mT (FA, see Figure 24)
–
6.9 / 3.2 mT (AJ, see Figure 24)
–
14.5 / 6 mT (BI, see Figure 24)
•
Supports a Wide Voltage Range
–
2.5 to 38 V
–
No External Regulator Required
•
Wide Operating Temperature Range
–
TA = –40 to 125°C (Q, see Figure 24)
•
Open Drain Output (30-mA Sink)
•
Fast 35-µs Power-On Time
•
Small Package and Footprint
–
Surface Mount 3-Pin SOT-23 (DBZ)
–
2.92 mm × 2.37 mm
–
Through-Hole 3-Pin TO-92 (LPG)
–
4.00 mm × 3.15 mm
•
Protection Features
–
Reverse Supply Protection (up to –22 V)
–
Supports up to 40-V Load Dump
–
Output Short-Circuit Protection
–
Output Current Limitation
2 Applications
•
Docking Detection
•
Door Open and Close Detection
•
Proximity Sensing
•
Valve Positioning
•
Pulse Counting
3 Description
The DRV5023 device is a chopper-stabilized Hall
Effect Sensor that offers a magnetic sensing solution
with superior sensitivity stability over temperature and
integrated protection features.
When the applied magnetic flux density exceeds the
BOP threshold, the DRV5023 open-drain output goes
low. The output stays low until the field decreases to
less than BRP, and then the output goes to high
impedance. The output current sink capability is 30
mA. A wide operating voltage range from 2.5 to 38 V
with reverse polarity protection up to –22 V makes
the device suitable for a wide range of industrial
applications.
Internal protection functions are provided for reverse
supply conditions, load dump, and output short circuit
or over current.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
DRV5023
SOT-23 (3)
2.92 mm × 1.30 mm
TO-92 (3)
4.00 mm × 3.15 mm
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
Output State
SOT-23
TO-92


Similar Part No. - DRV5023FAQDBZR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV5023FAQDBZR TI1-DRV5023FAQDBZR Datasheet
1Mb / 28P
Digital-Switch Hall Effect Sensor
More results

Similar Description - DRV5023FAQDBZR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV5023 TI-DRV5023_15 Datasheet
963Kb / 26P
DRV5023 Digital-Switch Hall Effect Sensor
DRV5023-Q1 TI-DRV5023-Q1_15 Datasheet
966Kb / 26P
DRV5023-Q1 Automotive Digital-Switch Hall Effect Sensor
DRV5033 TI-DRV5033_15 Datasheet
965Kb / 26P
DRV5033 Digital-Omnipolar-Switch Hall Effect Sensor
DRV5023 TI1-DRV5023_16 Datasheet
1Mb / 28P
Digital-Switch Hall Effect Sensor
DRV5023-Q1 TI1-DRV5023-Q1_16 Datasheet
1Mb / 28P
Automotive Digital-Switch Hall Effect Sensor
DRV5033 TI1-DRV5033_16 Datasheet
1Mb / 28P
Digital-Omnipolar-Switch Hall Effect Sensor
DRV5033-Q1 TI1-DRV5033-Q1 Datasheet
1Mb / 27P
Automotive Digital-Omnipolar-Switch Hall Effect Sensor
DRV5032 TI1-DRV5032 Datasheet
1Mb / 30P
Ultra-Low-Power Digital-Switch Hall Effect Sensor
DRV5032 TI1-DRV5032_17 Datasheet
1Mb / 33P
Ultra-Low-Power Digital-Switch Hall Effect Sensor
DRV5021 TI1-DRV5021 Datasheet
1Mb / 27P
Low-Voltage, Unipolar, Digital-Switch Hall Effect Sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com