Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DRV5023FAQDBZR Datasheet(PDF) 5 Page - Texas Instruments

Part # DRV5023FAQDBZR
Description  DRV5023 Digital-Switch Hall Effect Sensor
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DRV5023FAQDBZR Datasheet(HTML) 5 Page - Texas Instruments

  DRV5023FAQDBZR Datasheet HTML 1Page - Texas Instruments DRV5023FAQDBZR Datasheet HTML 2Page - Texas Instruments DRV5023FAQDBZR Datasheet HTML 3Page - Texas Instruments DRV5023FAQDBZR Datasheet HTML 4Page - Texas Instruments DRV5023FAQDBZR Datasheet HTML 5Page - Texas Instruments DRV5023FAQDBZR Datasheet HTML 6Page - Texas Instruments DRV5023FAQDBZR Datasheet HTML 7Page - Texas Instruments DRV5023FAQDBZR Datasheet HTML 8Page - Texas Instruments DRV5023FAQDBZR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 32 page
background image
5
DRV5023
www.ti.com
SLIS151G – MAY 2014 – REVISED SEPTEMBER 2016
Product Folder Links: DRV5023
Submit Documentation Feedback
Copyright © 2014–2016, Texas Instruments Incorporated
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under Recommended
Operating Conditions. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
Ensured by design. Only tested to –20 V.
6 Specifications
6.1 Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted)
(1)
MIN
MAX
UNIT
Power supply voltage
VCC
–22(2)
40
V
Voltage ramp rate (VCC), VCC < 5 V
Unlimited
V/µs
Voltage ramp rate (VCC), VCC > 5 V
0
2
Output pin voltage
–0.5
40
V
Output pin reverse current during reverse supply condition
0
100
mA
Magnetic flux density, BMAX
Unlimited
Operating junction temperature, TJ
–40
150
°C
Storage temperature, Tstg
–65
150
°C
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
6.2 ESD Ratings
VALUE
UNIT
V(ESD)
Electrostatic
discharge
Human body model (HBM), per ANSI/ESDA/JEDEC JS-001, all pins(1)
±2500
V
Charged device model (CDM), per JEDEC specification JESD22-C101, all pins(2)
±500
(1)
Power dissipation and thermal limits must be observed.
6.3 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
MIN
MAX
UNIT
VCC
Power supply voltage
2.5
38
V
VO
Output pin voltage (OUT)
0
38
V
ISINK
Output pin current sink (OUT)(1)
0
30
mA
TA
Operating ambient temperature
–40
125
°C
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report.
6.4 Thermal Information
THERMAL METRIC(1)
DRV5023
UNIT
DBZ (SOT-23)
LPG (TO-92)
3 PINS
3 PINS
RθJA
Junction-to-ambient thermal resistance
333.2
180
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
99.9
98.6
°C/W
RθJB
Junction-to-board thermal resistance
66.9
154.9
°C/W
ψJT
Junction-to-top characterization parameter
4.9
40
°C/W
ψJB
Junction-to-board characterization parameter
65.2
154.9
°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com