Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DRV5023FAQDBZR Datasheet(PDF) 4 Page - Texas Instruments

Part # DRV5023FAQDBZR
Description  DRV5023 Digital-Switch Hall Effect Sensor
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DRV5023FAQDBZR Datasheet(HTML) 4 Page - Texas Instruments

  DRV5023FAQDBZR Datasheet HTML 1Page - Texas Instruments DRV5023FAQDBZR Datasheet HTML 2Page - Texas Instruments DRV5023FAQDBZR Datasheet HTML 3Page - Texas Instruments DRV5023FAQDBZR Datasheet HTML 4Page - Texas Instruments DRV5023FAQDBZR Datasheet HTML 5Page - Texas Instruments DRV5023FAQDBZR Datasheet HTML 6Page - Texas Instruments DRV5023FAQDBZR Datasheet HTML 7Page - Texas Instruments DRV5023FAQDBZR Datasheet HTML 8Page - Texas Instruments DRV5023FAQDBZR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 32 page
background image
1
2
3
V
CC
GND
OUT
3
2
GND
OUT
1
VCC
4
DRV5023
SLIS151G – MAY 2014 – REVISED SEPTEMBER 2016
www.ti.com
Product Folder Links: DRV5023
Submit Documentation Feedback
Copyright © 2014–2016, Texas Instruments Incorporated
5 Pin Configuration and Functions
For additional configuration information, see Device Markings and Mechanical, Packaging, and Orderable
Information.
DBZ Package
3-Pin SOT-23
Top View
LPG Package
3-Pin TO-92
Top View
Pin Functions
PIN
TYPE
DESCRIPTION
NAME
DBZ
LPG
GND
3
2
GND
Ground pin
OUT
2
3
Output
Hall sensor open-drain output. The open drain requires a resistor pullup.
VCC
1
1
Power
2.5 to 38 V power supply. Bypass this pin to the GND pin with a 0.01-μF (minimum)
ceramic capacitor rated for VCC.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com