Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DRV5023FAQDBZR Datasheet(PDF) 17 Page - Texas Instruments

Part # DRV5023FAQDBZR
Description  DRV5023 Digital-Switch Hall Effect Sensor
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DRV5023FAQDBZR Datasheet(HTML) 17 Page - Texas Instruments

Back Button DRV5023FAQDBZR Datasheet HTML 13Page - Texas Instruments DRV5023FAQDBZR Datasheet HTML 14Page - Texas Instruments DRV5023FAQDBZR Datasheet HTML 15Page - Texas Instruments DRV5023FAQDBZR Datasheet HTML 16Page - Texas Instruments DRV5023FAQDBZR Datasheet HTML 17Page - Texas Instruments DRV5023FAQDBZR Datasheet HTML 18Page - Texas Instruments DRV5023FAQDBZR Datasheet HTML 19Page - Texas Instruments DRV5023FAQDBZR Datasheet HTML 20Page - Texas Instruments DRV5023FAQDBZR Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 32 page
background image
Frequency (Hz)
100
1000
10000
100000
-14
-12
-10
-8
-6
-4
-2
0
D011
OUT
OUT
1
2
10 kHz
2
R1
C2
u
S u
u
BW
1
¦
+]
2
R1 C2
u
S u
u
3.4 V
3.2 V
R1
30 mA
100 µA
d
d
ref
ref
V
max
V
min
R1
30 mA
100 µA
d
d
17
DRV5023
www.ti.com
SLIS151G – MAY 2014 – REVISED SEPTEMBER 2016
Product Folder Links: DRV5023
Submit Documentation Feedback
Copyright © 2014–2016, Texas Instruments Incorporated
8.2.1.2.1
Configuration Example
In a 3.3-V system, 3.2 V
≤ Vref ≤ 3.4 V. Use Equation 3 to calculate the allowable range for R1.
(3)
For this design example, use Equation 4 to calculate the allowable range of R1.
(4)
Therefore:
113 Ω ≤ R1 ≤ 32 kΩ
(5)
After finding the allowable range of R1 (Equation 5), select a value between 500
Ω and 32 kΩ for R1.
Assuming a system bandwidth of 10 kHz, use Equation 6 to calculate the value of C2.
(6)
For this design example, use Equation 7 to calculate the value of C2.
(7)
An R1 value of 10 k
Ω and a C2 value less than 820 pF satisfy the requirement for a 10-kHz system bandwidth.
A selection of R1 = 10 k
Ω and C2 = 680 pF would cause a low-pass filter with a corner frequency of 23.4 kHz.
8.2.1.3 Application Curves
R1 = 10-kΩ pullup
No C2
Figure 19. 10-kHz Switching Magnetic Field
R1 = 10-kΩ pullup
C2 = 680 pF
Figure 20. 10-kHz Switching Magnetic Field
R1 = 10-kΩ pullup
C2 = 680 pF
Figure 21. Low-Pass Filtering



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com