Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DRV5023FAQDBZR Datasheet(PDF) 22 Page - Texas Instruments

Part # DRV5023FAQDBZR
Description  DRV5023 Digital-Switch Hall Effect Sensor
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DRV5023FAQDBZR Datasheet(HTML) 22 Page - Texas Instruments

Back Button DRV5023FAQDBZR Datasheet HTML 18Page - Texas Instruments DRV5023FAQDBZR Datasheet HTML 19Page - Texas Instruments DRV5023FAQDBZR Datasheet HTML 20Page - Texas Instruments DRV5023FAQDBZR Datasheet HTML 21Page - Texas Instruments DRV5023FAQDBZR Datasheet HTML 22Page - Texas Instruments DRV5023FAQDBZR Datasheet HTML 23Page - Texas Instruments DRV5023FAQDBZR Datasheet HTML 24Page - Texas Instruments DRV5023FAQDBZR Datasheet HTML 25Page - Texas Instruments DRV5023FAQDBZR Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 32 page
background image
PACKAGE OPTION ADDENDUM
www.ti.com
23-May-2025
PACKAGING INFORMATION
Orderable part number
Status
(1)
Material type
(2)
Package | Pins
Package qty | Carrier
RoHS
(3)
Lead finish/
Ball material
(4)
MSL rating/
Peak reflow
(5)
Op temp (°C)
Part marking
(6)
DRV5023AJQDBZR
Active
Production
SOT-23 (DBZ) | 3
3000 | LARGE T&R
Yes
NIPDAUAG | SN
Level-1-260C-UNLIM
-40 to 125
(+PLAJ, 1J22)
DRV5023AJQDBZR.A
Active
Production
SOT-23 (DBZ) | 3
3000 | LARGE T&R
Yes
SN
Level-1-260C-UNLIM
-40 to 125
(+PLAJ, 1J22)
DRV5023AJQDBZT
Obsolete
Production
SOT-23 (DBZ) | 3
-
-
Call TI
Call TI
-40 to 125
(+PLAJ, 1J22)
DRV5023AJQLPG
Active
Production
TO-92 (LPG) | 3
1000 | BULK
Yes
SN
N/A for Pkg Type
-40 to 125
+PLAJ
DRV5023AJQLPG.A
Active
Production
TO-92 (LPG) | 3
1000 | BULK
Yes
SN
N/A for Pkg Type
-40 to 125
+PLAJ
DRV5023AJQLPGM
Active
Production
TO-92 (LPG) | 3
3000 | AMMO
Yes
SN
N/A for Pkg Type
-40 to 125
+PLAJ
DRV5023AJQLPGM.A
Active
Production
TO-92 (LPG) | 3
3000 | AMMO
Yes
SN
N/A for Pkg Type
-40 to 125
+PLAJ
DRV5023BIQDBZR
Active
Production
SOT-23 (DBZ) | 3
3000 | LARGE T&R
Yes
NIPDAUAG | SN
Level-1-260C-UNLIM
-40 to 125
(+PLBI, 1J32)
DRV5023BIQDBZR.A
Active
Production
SOT-23 (DBZ) | 3
3000 | LARGE T&R
Yes
SN
Level-1-260C-UNLIM
-40 to 125
(+PLBI, 1J32)
DRV5023BIQDBZT
Obsolete
Production
SOT-23 (DBZ) | 3
-
-
Call TI
Call TI
-40 to 125
(+PLBI, 1J32)
DRV5023BIQLPG
Active
Production
TO-92 (LPG) | 3
1000 | BULK
Yes
SN
N/A for Pkg Type
-40 to 125
+PLBI
DRV5023BIQLPG.A
Active
Production
TO-92 (LPG) | 3
1000 | BULK
Yes
SN
N/A for Pkg Type
-40 to 125
+PLBI
DRV5023BIQLPGM
Active
Production
TO-92 (LPG) | 3
3000 | AMMO
Yes
SN
N/A for Pkg Type
-40 to 125
+PLBI
DRV5023BIQLPGM.A
Active
Production
TO-92 (LPG) | 3
3000 | AMMO
Yes
SN
N/A for Pkg Type
-40 to 125
+PLBI
DRV5023FAQDBZR
Active
Production
SOT-23 (DBZ) | 3
3000 | LARGE T&R
Yes
SN
Level-1-260C-UNLIM
-40 to 125
(+PLFA, 1J42)
DRV5023FAQDBZR.A
Active
Production
SOT-23 (DBZ) | 3
3000 | LARGE T&R
Yes
SN
Level-1-260C-UNLIM
-40 to 125
(+PLFA, 1J42)
(1) Status: For more details on status, see our product life cycle.
(2) Material type: When designated, preproduction parts are prototypes/experimental devices, and are not yet approved or released for full production. Testing and final process, including without limitation quality assurance,
reliability performance testing, and/or process qualification, may not yet be complete, and this item is subject to further changes or possible discontinuation. If available for ordering, purchases will be subject to an additional
waiver at checkout, and are intended for early internal evaluation purposes only. These items are sold without warranties of any kind.
(3) RoHS values: Yes, No, RoHS Exempt. See the TI RoHS Statement for additional information and value definition.
(4) Lead finish/Ball material: Parts may have multiple material finish options. Finish options are separated by a vertical ruled line. Lead finish/Ball material values may wrap to two lines if the finish value exceeds the maximum
column width.
(5) MSL rating/Peak reflow: The moisture sensitivity level ratings and peak solder (reflow) temperatures. In the event that a part has multiple moisture sensitivity ratings, only the lowest level per JEDEC standards is shown.
Refer to the shipping label for the actual reflow temperature that will be used to mount the part to the printed circuit board.
Addendum-Page 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com