Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DRV5023FAQDBZR Datasheet(PDF) 11 Page - Texas Instruments

Part # DRV5023FAQDBZR
Description  DRV5023 Digital-Switch Hall Effect Sensor
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DRV5023FAQDBZR Datasheet(HTML) 11 Page - Texas Instruments

Back Button DRV5023FAQDBZR Datasheet HTML 7Page - Texas Instruments DRV5023FAQDBZR Datasheet HTML 8Page - Texas Instruments DRV5023FAQDBZR Datasheet HTML 9Page - Texas Instruments DRV5023FAQDBZR Datasheet HTML 10Page - Texas Instruments DRV5023FAQDBZR Datasheet HTML 11Page - Texas Instruments DRV5023FAQDBZR Datasheet HTML 12Page - Texas Instruments DRV5023FAQDBZR Datasheet HTML 13Page - Texas Instruments DRV5023FAQDBZR Datasheet HTML 14Page - Texas Instruments DRV5023FAQDBZR Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 32 page
background image
VCC
BOP
BRP
t (s)
B (mT)
t (s)
OUT
t (s)
Valid Output
ton
VCC
BOP
BRP
t (s)
B (mT)
t (s)
t (s)
OUT
Valid Output
ton
11
DRV5023
www.ti.com
SLIS151G – MAY 2014 – REVISED SEPTEMBER 2016
Product Folder Links: DRV5023
Submit Documentation Feedback
Copyright © 2014–2016, Texas Instruments Incorporated
Feature Description (continued)
7.3.3 Power-On Time
After applying VCC to the DRV5023 device, ton must elapse before the OUT pin is valid. During the power-up
sequence, the output is Hi-Z. A pulse as shown in Figure 13 and Figure 14 occurs at the end of ton. This pulse
can allow the host processor to determine when the DRV5023 output is valid after startup. In Case 1 (Figure 13)
and Case 2 (Figure 14), the output is defined assuming a constant magnetic field B > BOP and B < BRP.
Figure 13. Case 1: Power On When B > BOP
Figure 14. Case 2: Power On When B < BRP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com