Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DRV5023FAQDBZR Datasheet(PDF) 6 Page - Texas Instruments

Part # DRV5023FAQDBZR
Description  DRV5023 Digital-Switch Hall Effect Sensor
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DRV5023FAQDBZR Datasheet(HTML) 6 Page - Texas Instruments

Back Button DRV5023FAQDBZR Datasheet HTML 2Page - Texas Instruments DRV5023FAQDBZR Datasheet HTML 3Page - Texas Instruments DRV5023FAQDBZR Datasheet HTML 4Page - Texas Instruments DRV5023FAQDBZR Datasheet HTML 5Page - Texas Instruments DRV5023FAQDBZR Datasheet HTML 6Page - Texas Instruments DRV5023FAQDBZR Datasheet HTML 7Page - Texas Instruments DRV5023FAQDBZR Datasheet HTML 8Page - Texas Instruments DRV5023FAQDBZR Datasheet HTML 9Page - Texas Instruments DRV5023FAQDBZR Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 32 page
background image
6
DRV5023
SLIS151G – MAY 2014 – REVISED SEPTEMBER 2016
www.ti.com
Product Folder Links: DRV5023
Submit Documentation Feedback
Copyright © 2014–2016, Texas Instruments Incorporated
6.5 Electrical Characteristics
over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
POWER SUPPLIES (VCC)
VCC
VCC operating voltage
2.5
38
V
ICC
Operating supply current
VCC = 2.5 to 38 V, TA = 25°C
2.7
mA
VCC = 2.5 to 38 V, TA = 125°C
3
3.5
ton
Power-on time
AJ, BI versions
35
50
µs
FA version
35
70
OPEN DRAIN OUTPUT (OUT)
rDS(on)
FET on-resistance
VCC = 3.3 V, IO = 10 mA, TA = 25°C
22
Ω
VCC = 3.3 V, IO = 10 mA, TA = 125°C
36
50
Ilkg(off)
Off-state leakage current
Output Hi-Z
1
µA
PROTECTION CIRCUITS
VCCR
Reverse supply voltage
–22
V
IOCP
Overcurrent protection level
OUT shorted VCC
15
30
45
mA
6.6 Switching Characteristics
over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
OPEN DRAIN OUTPUT (OUT)
td
Output delay time
B = BRP – 10 mT to BOP + 10 mT in 1 µs
13
25
µs
tr
Output rise time (10% to 90%)
R1 = 1 kΩ, CO = 50 pF, VCC = 3.3 V
200
ns
tf
Output fall time (90% to 10%)
R1 = 1 kΩ, CO = 50 pF, VCC = 3.3 V
31
ns
(1)
1 mT = 10 Gauss
(2)
Bandwidth describes the fastest changing magnetic field that can be detected and translated to the output.
(3)
|BOP| is always greater than |BRP|.
6.7 Magnetic Characteristics
over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT(1)
ƒBW
Bandwidth(2)
20
30
kHz
DRV5023FA: 3.5 / 2 mT
BOP
Operate point (see Figure 12)
TA = –40°C to 125°C
1.8
3.5
6.8
mT
BRP
Release point (see Figure 12)
0.5
2
4.2
mT
Bhys
Hysteresis; Bhys= (BOP – BRP)
1.5
mT
BO
Magnetic offset, BO = (BOP + BRP) / 2
2.8
mT
DRV5023AJ: 6.9 / 3.2 mT
BOP
Operate point (see Figure 12)
TA = –40°C to 125°C
3
6.9
12
mT
BRP
Release point (see Figure 12)
1
3.2
5
mT
Bhys
Hysteresis; Bhys= (BOP – BRP)
3.7
mT
BO
Magnetic offset, BO = (BOP + BRP) / 2
5
mT
DRV5023BI: 14.5 / 6 mT
BOP
Operate point (see Figure 12)
TA = –40°C to 125°C
6
14.5
24
mT
BRP
Release point (see Figure 12)
3
6
9
mT
Bhys
Hysteresis; Bhys = (BOP – BRP)
(3)
8.5
mT
BO
Magnetic offset, BO = (BOP + BRP) / 2
10.3
mT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com