Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DRV5023FAQDBZR Datasheet(PDF) 20 Page - Texas Instruments

Part # DRV5023FAQDBZR
Description  DRV5023 Digital-Switch Hall Effect Sensor
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DRV5023FAQDBZR Datasheet(HTML) 20 Page - Texas Instruments

Back Button DRV5023FAQDBZR Datasheet HTML 16Page - Texas Instruments DRV5023FAQDBZR Datasheet HTML 17Page - Texas Instruments DRV5023FAQDBZR Datasheet HTML 18Page - Texas Instruments DRV5023FAQDBZR Datasheet HTML 19Page - Texas Instruments DRV5023FAQDBZR Datasheet HTML 20Page - Texas Instruments DRV5023FAQDBZR Datasheet HTML 21Page - Texas Instruments DRV5023FAQDBZR Datasheet HTML 22Page - Texas Instruments DRV5023FAQDBZR Datasheet HTML 23Page - Texas Instruments DRV5023FAQDBZR Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 32 page
background image
(Bottom view)
1
2
3
Marked Side Front
Marked Side
1
2
3
1
2
3
Marked Side
(DBZ)
(AJ)
DRV5023
Prefix
DRV5023: Digital switch Hall sensor
(Q)
(R)
()
AEC-Q100
Q1: Automotive qualification
Blank: Non-auto
Package
DBZ: 3-pin SOT-23
LPG: 3-pin TO-92
Temperature Range
Q: ±40 to 125°C
E: ±40 to 150°C
BOP/BRP
FA: 3.5/2 mT
AJ: 6.9/3.2 mT
BI: 14.5/6 mT
Tape and Reel
R: 3000 pcs/reel
T: 250 pcs/reel
M: 3000 pcs/box (ammo)
Blank: 1000 pcs/bag (bulk)
20
DRV5023
SLIS151G – MAY 2014 – REVISED SEPTEMBER 2016
www.ti.com
Product Folder Links: DRV5023
Submit Documentation Feedback
Copyright © 2014–2016, Texas Instruments Incorporated
11 Device and Documentation Support
11.1 Device Support
11.1.1 Device Nomenclature
Figure 24 shows a legend for reading the complete device name for and DRV5023 device.
Figure 24. Device Nomenclature
11.1.2 Device Markings
Figure 25. SOT-23 (DBZ) Package
Figure 26. TO-92 (LPG) Package
indicates the Hall effect sensor (not to scale). The Hall element is located in the center of the package with a
tolerance of ±100 µm. The height of the Hall element from the bottom of the package is 0.7 mm ±50 µm in the DBZ
package and 0.987 mm ±50 µm in the LPG package.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com