Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S25FL256SDPBFAQ Datasheet(PDF) 104 Page - Cypress Semiconductor

Part # S25FL256SDPBFAQ
Description  128 Mbit (16 Mbyte)/256 Mbit (32 Mbyte) 128 Mbit (16 Mbyte)/256 Mbit (32 Mbyte)
PDF  149 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

S25FL256SDPBFAQ Datasheet(HTML) 104 Page - Cypress Semiconductor

Back Button S25FL256SDPBFAQ Datasheet HTML 100Page - Cypress Semiconductor S25FL256SDPBFAQ Datasheet HTML 101Page - Cypress Semiconductor S25FL256SDPBFAQ Datasheet HTML 102Page - Cypress Semiconductor S25FL256SDPBFAQ Datasheet HTML 103Page - Cypress Semiconductor S25FL256SDPBFAQ Datasheet HTML 104Page - Cypress Semiconductor S25FL256SDPBFAQ Datasheet HTML 105Page - Cypress Semiconductor S25FL256SDPBFAQ Datasheet HTML 106Page - Cypress Semiconductor S25FL256SDPBFAQ Datasheet HTML 107Page - Cypress Semiconductor S25FL256SDPBFAQ Datasheet HTML 108Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 104 / 149 page
background image
Document Number: 001-98283 Rev. *M
Page 103 of 148
S25FL128S/S25FL256S
9.5.3
Quad Page Program (QPP 32h or 38h, or 4QPP 34h)
The Quad-input Page Program (QPP) command allows bytes to be programmed in the memory (changing bits from 1 to 0). The
Quad-input Page Program (QPP) command allows up to a page size (either 256 or 512 bytes) of data to be loaded into the Page
Buffer using four signals: IO0-IO3. QPP can improve performance for PROM Programmer and applications that have slower clock
speeds (< 12 MHz) by loading 4 bits of data per clock cycle. Systems with faster clock speeds do not realize as much benefit for the
QPP command since the inherent page program time becomes greater than the time it takes to clock-in the data. The maximum
frequency for the QPP command is 80 MHz.
To use Quad Page Program the Quad Enable Bit in the Configuration Register must be set (QUAD=1). A Write Enable command
must be executed before the device will accept the QPP command (Status
Register 1, WEL=1).
The instruction
32h (ExtAdd=0) is followed by a 3-byte address (A23-A0) or
32h (ExtAdd=1) is followed by a 4-byte address (A31-A0) or
38h (ExtAdd=0) is followed by a 3-byte address (A23-A0) or
38h (ExtAdd=1) is followed by a 4-byte address (A31-A0) or
34h is followed by a 4-byte address (A31-A0)
and at least one data byte, into the IO signals. Data must be programmed at previously erased (FFh) memory locations.
The programming page is aligned on the page size address boundary. It is possible to program from one bit up to a page size in
each Page programming operation. It is recommended that a multiple of 16 byte length and aligned Program Blocks be written. This
insures that Automatic ECC is not disabled.
All other functions of QPP are identical to Page Program. The QPP command sequence is shown in Figure 66.
Figure 66. Quad 512-Byte Page Program Command Sequence (3-Byte Address, 32h or 38h)
1
3
2
10
9
8
7
6
5
4
0
31
30
29
28
Instruction
24-Bit
Address
23
21
22
1
3
2
0
36
35
34
33
32
39
38
37
2
0
1
3
4
5
6
7
Byte 1
44
43
42
41
40
47
46
45
52
51
50
49
48
55
54
53
SCK
IO0
SCK
IO0
*
*
2
0
1
3
4
5
6
7
*
Byte 2
5
6
2
0
1
3
4
6
7
Byte 3
*
2
0
1
3
4
5
6
7
*
Byte 4
IO1
IO2
IO3
6
2
0
1
3
4
5
7
Byte 5
*
*
Byte 6
Byte 7
*
*
Byte 8
Byte 9
*
*
Byte 10 Byte 11
*
*
Byte 12
Byte 509
*
*
Byte 510Byte 511
*
*
Byte 512
IO1
IO2
IO3
CS#
CS#
6
2
0
1
3
4
5
7
6
2
0
1
3
4
5
7
6
2
0
1
3
4
5
7
6
2
0
1
3
4
5
7
6
2
0
1
3
4
5
7
6
2
0
1
3
4
5
7
6
2
0
1
3
4
5
7
6
2
0
1
3
4
5
7
6
2
0
1
3
4
5
7
6
2
0
1
3
4
5
7
6
2
0
1
3
4
5
7
*MSB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com