Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S25FL256SDPBFAQ Datasheet(PDF) 106 Page - Cypress Semiconductor

Part # S25FL256SDPBFAQ
Description  128 Mbit (16 Mbyte)/256 Mbit (32 Mbyte) 128 Mbit (16 Mbyte)/256 Mbit (32 Mbyte)
PDF  149 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

S25FL256SDPBFAQ Datasheet(HTML) 106 Page - Cypress Semiconductor

Back Button S25FL256SDPBFAQ Datasheet HTML 102Page - Cypress Semiconductor S25FL256SDPBFAQ Datasheet HTML 103Page - Cypress Semiconductor S25FL256SDPBFAQ Datasheet HTML 104Page - Cypress Semiconductor S25FL256SDPBFAQ Datasheet HTML 105Page - Cypress Semiconductor S25FL256SDPBFAQ Datasheet HTML 106Page - Cypress Semiconductor S25FL256SDPBFAQ Datasheet HTML 107Page - Cypress Semiconductor S25FL256SDPBFAQ Datasheet HTML 108Page - Cypress Semiconductor S25FL256SDPBFAQ Datasheet HTML 109Page - Cypress Semiconductor S25FL256SDPBFAQ Datasheet HTML 110Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 106 / 149 page
background image
Document Number: 001-98283 Rev. *M
Page 105 of 148
S25FL128S/S25FL256S
Figure 69. Quad 256-Byte Page Program Command Sequence (4-Byte Address, 34h or 32h or 38h [ExtAdd=1])
9.5.4
Program Suspend (PGSP 85h) and Resume (PGRS 8Ah)
The Program Suspend command allows the system to interrupt a programming operation and then read from any other non-erase-
suspended sector or non-program-suspended-page. Program Suspend is valid only during a programming operation.
Commands allowed after the Program Suspend command is issued:
Read Status Register 1 (RDSR1 05h)
Read Status Register 2 (RDSR2 07h)
The Write in Progress (WIP) bit in Status Register 1 (SR1[0]) must be checked to know when the programming operation has
stopped. The Program Suspend Status bit in the Status Register-2 (SR2[0]) can be used to determine if a programming operation
has been suspended or was completed at the time WIP changes to 0. The time required for the suspend operation to complete is
tPSL, see Table 51 on page 120.
See Table 49 on page 110 for the commands allowed while programming is suspend.
The Program Resume command 8Ah must be written to resume the programming operation after a Program Suspend. If the
programming operation was completed during the suspend operation, a resume command is not needed and has no effect if issued.
Program Resume commands will be ignored unless a Program operation is suspended.
After a Program Resume command is issued, the WIP bit in the Status Register-1 will be set to a 1 and the programming operation
will resume. Program operations may be interrupted as often as necessary e.g. a program suspend command could immediately
follow a program resume command but, in order for a program operation to progress to completion there must be some periods of
time between resume and the next suspend command greater than or equal to tPRS. See Table 51 on page 120.
13
210
9
8
7
6
5
4
039
38
37
36
Instruction
32-Bit
Address
31
29
30
1
32
0
44
43
42
41
40
47
46
45
2
0
1
3
4
5
6
7
Byte 1
52
51
50
49
48
55
54
5360
59
58
57
56
63
62
61
SCK
IO0
SCK
IO0
*
*
2
0
1
3
4
5
6
7
*
Byte 2
5
6
2
0
1
3
4
6
7
Byte 3
*
2
0
1
3
4
5
6
7
*
Byte 4
IO1
IO2
IO3
6
2
0
1
3
4
5
7
Byte 5
**
Byte 6
Byte 7
**
Byte 8Byte 9
**
Byte 10 Byte 11
**
Byte 12
Byte
253
**
Byte
254
Byte
255
**
Byte
256
IO1
IO2
IO3
CS#
CS#
6
2
0
1
3
4
5
7
6
2
0
1
3
4
5
7
6
2
0
1
3
4
5
7
6
2
0
1
3
4
5
7
6
2
0
1
3
4
5
7
6
2
0
1
3
4
5
7
6
2
0
1
3
4
5
7
6
2
0
1
3
4
5
7
6
2
0
1
3
4
5
7
6
2
0
1
3
4
5
7
6
2
0
1
3
4
5
7
*MSB
75
62
43
10
*



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com