Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S25FL256SDPBFAQ Datasheet(PDF) 114 Page - Cypress Semiconductor

Part # S25FL256SDPBFAQ
Description  128 Mbit (16 Mbyte)/256 Mbit (32 Mbyte) 128 Mbit (16 Mbyte)/256 Mbit (32 Mbyte)
PDF  149 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

S25FL256SDPBFAQ Datasheet(HTML) 114 Page - Cypress Semiconductor

Back Button S25FL256SDPBFAQ Datasheet HTML 110Page - Cypress Semiconductor S25FL256SDPBFAQ Datasheet HTML 111Page - Cypress Semiconductor S25FL256SDPBFAQ Datasheet HTML 112Page - Cypress Semiconductor S25FL256SDPBFAQ Datasheet HTML 113Page - Cypress Semiconductor S25FL256SDPBFAQ Datasheet HTML 114Page - Cypress Semiconductor S25FL256SDPBFAQ Datasheet HTML 115Page - Cypress Semiconductor S25FL256SDPBFAQ Datasheet HTML 116Page - Cypress Semiconductor S25FL256SDPBFAQ Datasheet HTML 117Page - Cypress Semiconductor S25FL256SDPBFAQ Datasheet HTML 118Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 114 / 149 page
background image
Document Number: 001-98283 Rev. *M
Page 113 of 148
S25FL128S/S25FL256S
9.8.2
ASP Program (ASPP 2Fh)
Before the ASP Program (ASPP) command can be accepted by the device, a Write Enable (WREN) command must be issued. After
the Write Enable (WREN) command has been decoded, the device will set the Write Enable Latch (WEL) in the Status Register to
enable any write operations.
The ASPP command is entered by driving CS# to the logic low state, followed by the instruction and two data bytes on SI, least
significant byte first. The ASP Register is two data bytes in length.
The ASPP command affects the P_ERR and WIP bits of the Status and Configuration Registers in the same manner as any other
programming operation.
CS# input must be driven to the logic high state after the sixteenth bit of data has been latched in. If not, the ASPP command is not
executed. As soon as CS# is driven to the logic high state, the self-timed ASPP operation is initiated. While the ASPP operation is in
progress, the Status Register may be read to check the value of the Write-In Progress (WIP) bit. The Write-In Progress (WIP) bit is a
1 during the self-timed ASPP operation, and is a 0 when it is completed. When the ASPP operation is completed, the Write Enable
Latch (WEL) is set to a 0.
Figure 9.38 ASPP Command
9.8.3
DYB Read (DYBRD E0h)
The instruction E0h is latched into SI by the rising edge of the SCK signal. Followed by the 32-bit address selecting location zero
within the desired sector (note, the high order address bits not used by a particular density device must be zero). Then the 8-bit DYB
access register contents are shifted out on the serial output SO. Each bit is shifted out at the SCK frequency by the falling edge of
the SCK signal. It is possible to read the same DYB access register continuously by providing multiples of eight clock cycles. The
address of the DYB register does not increment so this is not a means to read the entire DYB array. Each location must be read with
a separate DYB Read command. The maximum operating clock frequency for READ command is 133 MHz.
Figure 78. DYBRD Command Sequence
Instruction
Register In
1
3
2
10
9
8
7
6
5
4
0
14
13
12
11
15
1
3
2
0
7
6
5
4
SCK
SI
SO
MSB
High Impedance
CS#
0
1
7
6
5
4
3
2
MSB
18
17
16
22
21
20
19
23
9
11
10
8
15
14
13
12
1
3
210
9
8
7
6
5
4
039
38
37
36
Instruction
32-Bit
Address
31
29
30
1
32
0
1
32
0
76
5
4
44
43
42
41
40
47
46
45
DATA OUT 1
SCK
SI
SO
MSB
High Impedance
CS#
1
32
0
76
5
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com