Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S25FL256SDPBFAQ Datasheet(PDF) 117 Page - Cypress Semiconductor

Part # S25FL256SDPBFAQ
Description  128 Mbit (16 Mbyte)/256 Mbit (32 Mbyte) 128 Mbit (16 Mbyte)/256 Mbit (32 Mbyte)
PDF  149 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

S25FL256SDPBFAQ Datasheet(HTML) 117 Page - Cypress Semiconductor

Back Button S25FL256SDPBFAQ Datasheet HTML 113Page - Cypress Semiconductor S25FL256SDPBFAQ Datasheet HTML 114Page - Cypress Semiconductor S25FL256SDPBFAQ Datasheet HTML 115Page - Cypress Semiconductor S25FL256SDPBFAQ Datasheet HTML 116Page - Cypress Semiconductor S25FL256SDPBFAQ Datasheet HTML 117Page - Cypress Semiconductor S25FL256SDPBFAQ Datasheet HTML 118Page - Cypress Semiconductor S25FL256SDPBFAQ Datasheet HTML 119Page - Cypress Semiconductor S25FL256SDPBFAQ Datasheet HTML 120Page - Cypress Semiconductor S25FL256SDPBFAQ Datasheet HTML 121Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 117 / 149 page
background image
Document Number: 001-98283 Rev. *M
Page 116 of 148
S25FL128S/S25FL256S
9.8.8
PPB Lock Bit Read (PLBRD A7h)
The PPB Lock Bit Read (PLBRD) command allows the PPB Lock Register contents to be read out of SO. It is possible to read the
PPB lock register continuously by providing multiples of eight clock cycles. The PPB Lock Register contents may only be read when
the device is in standby state with no other operation in progress. It is recommended to check the Write-In Progress (WIP) bit of the
Status Register before issuing a new command to the device.
Figure 9.39 PPB Lock Register Read Command Sequence
9.8.9
PPB Lock Bit Write (PLBWR A6h)
The PPB Lock Bit Write (PLBWR) command clears the PPB Lock Register to zero. Before the PLBWR command can be accepted
by the device, a Write Enable (WREN) command must be issued and decoded by the device, which sets the Write Enable Latch
(WEL) in the Status Register to enable any write operations.
The PLBWR command is entered by driving CS# to the logic low state, followed by the instruction.
CS# must be driven to the logic high state after the eighth bit of instruction has been latched in. If not, the PLBWR command is not
executed. As soon as CS# is driven to the logic high state, the self-timed PLBWR operation is initiated. While the PLBWR operation
is in progress, the Status Register may still be read to check the value of the Write-In Progress (WIP) bit. The Write-In Progress
(WIP) bit is a 1 during the self-timed PLBWR operation, and is a 0 when it is completed. When the PLBWR operation is completed,
the Write Enable Latch (WEL) is set to a 0. The maximum clock frequency for the PLBWR command is 133 MHz.
Figure 83. PPB Lock Bit Write Command Sequence
9.8.10 Password Read (PASSRD E7h)
The correct password value may be read only after it is programmed and before the Password Mode has been selected by
programming the Password Protection Mode bit to 0 in the ASP Register (ASP[2]). After the Password Protection Mode is selected
the PASSRD command is ignored.
The PASSRD command is shifted into SI. Then the 64-bit Password is shifted out on the serial output SO, least significant byte first,
most significant bit of each byte first. Each bit is shifted out at the SCK frequency by the falling edge of the SCK signal. It is possible
to read the Password continuously by providing multiples of 64 clock cycles. The maximum operating clock frequency for the
PASSRD command is 133 MHz.
Figure 84. Password Read Command Sequence
CS#
SCK
SI
SO
Phase
7
6
5
4
3
2
1
0
7
6
5
4
3
2
1
0
7
6
5
4
3
2
1
0
Instruction
Register Read
Repeat Register Read
1
3
27
6
5
4
0
Instruction
SCK
SO
High Impedance
SI
CS#
0
1
7
6
5
4
3
2
MSB
7
56
57
6
5
4
58
13
210
9
8
7
6
5
4
0
70
69
11
Instruction
SCK
SO
High Impedance
MSB
Password Least Sig. Byte First
SI
71
72
MSB
7
CS#
0
1
7
6
5
4
3
2
MSB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com