Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPJ2A331MHD Datasheet(PDF) 3 Page - Nichicon corporation

Part # UPJ2A331MHD
Description  ALUMINUM ELECTROLYTIC CAPACITORS
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NICHICON [Nichicon corporation]
Direct Link  http://www.nichicon-us.com
Logo NICHICON - Nichicon corporation

UPJ2A331MHD Datasheet(HTML) 3 Page - Nichicon corporation

  UPJ2A331MHD Datasheet HTML 1Page - Nichicon corporation UPJ2A331MHD Datasheet HTML 2Page - Nichicon corporation UPJ2A331MHD Datasheet HTML 3Page - Nichicon corporation UPJ2A331MHD Datasheet HTML 4Page - Nichicon corporation UPJ2A331MHD Datasheet HTML 5Page - Nichicon corporation UPJ2A331MHD Datasheet HTML 6Page - Nichicon corporation UPJ2A331MHD Datasheet HTML 7Page - Nichicon corporation UPJ2A331MHD Datasheet HTML 8Page - Nichicon corporation UPJ2A331MHD Datasheet HTML 9Page - Nichicon corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
ALUMINUM ELECTROLYTIC CAPACITORS
CAT.8100M
ALUMINUM ELECTROLYTIC CAPACITORS
UPJ
Rated Voltage
(V)
(code)
Rated
Capacitance
(µF)
Case Size
φD×L(mm)
tan δ
Leakage Current
(µA)
Impedance(Ω)
max.
Rated Ripple
(mArms)
Part Number
(
at 20℃ after
1 minute
) 20℃/
100kHz
-10℃/
100kHz
105℃/
10 to
200kHz
105℃/
120Hz
10
(1A)
330
8×11.5
0.19
99
0.26
0.65
460
350
 UPJ1A331MPD
390
8×15
0.19
117
0.22
0.55
550
430
 UPJ1A391MPD
390
10×12.5
0.19
117
0.24
0.60
555
430
 UPJ1A391MPD6
470
8×15
0.19
141
0.19
0.48
595
475
 UPJ1A471MPD
470
10×12.5
0.19
141
0.21
0.53
600
475
 UPJ1A471MPD6
560
8×20
0.19
168
0.16
0.40
730
590
 UPJ1A561MPD
560
10×16
0.19
168
0.18
0.45
700
565
 UPJ1A561MPD6
680
8×20
0.19
204
0.13
0.33
795
660
 UPJ1A681MPD
680
10×16
0.19
204
0.14
0.35
770
635
 UPJ1A681MPD6
820
10×20
0.19
246
0.11
0.28
985
835
 UPJ1A821MPD
820
12.5×15
0.19
246
0.13
0.33
920
780
 UPJ1A821MHD6
1000
10×20
0.19
300
0.096
0.24
1060
915
 UPJ1A102MPD
1000
12.5×15
0.19
300
0.10
0.25
1040
895
 UPJ1A102MHD6
1200
10×25
0.19
360
0.078
0.20
1280
1120
 UPJ1A122MPD
1200
12.5×15
0.19
360
0.096
0.24
1060
930
 UPJ1A122MHD6
1500
10×30.5
0.19
450
0.072
0.18
1440
1290
 UPJ1A152MPD
1500
16×15
0.19
450
0.078
0.20
1330
1190
 UPJ1A152MHD6
1800
12.5×20
0.19
540
0.057
0.14
1470
1320
 UPJ1A182MHD
1800
16×15
0.19
540
0.072
0.18
1420
1270
 UPJ1A182MHD6
2200
12.5×25
0.21
660
0.045
0.11
1710
1530
 UPJ1A222MHD
2200
18×15
0.21
660
0.060
0.15
1600
1440
 UPJ1A222MHD6
2700
12.5×30.5
0.21
810
0.036
0.09
1940
1740
 UPJ1A272MHD
2700
16×20
0.21
810
0.051
0.13
1740
1560
 UPJ1A272MHD6
3300
12.5×35.5
0.23
990
0.032
0.08
2180
1960
 UPJ1A332MHD
3300
16×20
0.23
990
0.045
0.11
1850
1660
 UPJ1A332MHD6
3900
12.5×40
0.23
1170
0.030
0.075
2360
2120
 UPJ1A392MHD
3900
18×20
0.23
1170
0.041
0.10
2050
1840
 UPJ1A392MHD6
4700
16×30.5
0.25
1410
0.028
0.070
2420
2170
 UPJ1A472MHD
4700
18×25
0.25
1410
0.035
0.088
2250
2020
 UPJ1A472MHD6
5600
16×35.5
0.27
1680
0.026
0.065
2610
2340
 UPJ1A562MHD
5600
18×25
0.27
1680
0.033
0.083
2340
2100
 UPJ1A562MHD6
6800
16×35.5
0.29
2040
0.024
0.060
2680
2410
 UPJ1A682MHD
6800
18×30.5
0.29
2040
0.027
0.068
2540
2280
 UPJ1A682MHD6
8200
16×40
0.33
2460
0.023
0.058
2820
2530
 UPJ1A822MHD
8200
18×35.5
0.33
2460
0.025
0.063
2690
2420
 UPJ1A822MHD6
10000
18×40
0.37
3000
0.021
0.053
3040
2730
 UPJ1A103MHD
Dimensions
For cut leads, formed leads or taped parts, please add the appropriate code after the size code (12th digit ).
If there is no size code in the part number, please add size code “1” and then add the appropriate code.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com