Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPJ2A331MHD Datasheet(PDF) 8 Page - Nichicon corporation

Part # UPJ2A331MHD
Description  ALUMINUM ELECTROLYTIC CAPACITORS
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NICHICON [Nichicon corporation]
Direct Link  http://www.nichicon-us.com
Logo NICHICON - Nichicon corporation

UPJ2A331MHD Datasheet(HTML) 8 Page - Nichicon corporation

Back Button UPJ2A331MHD Datasheet HTML 2Page - Nichicon corporation UPJ2A331MHD Datasheet HTML 3Page - Nichicon corporation UPJ2A331MHD Datasheet HTML 4Page - Nichicon corporation UPJ2A331MHD Datasheet HTML 5Page - Nichicon corporation UPJ2A331MHD Datasheet HTML 6Page - Nichicon corporation UPJ2A331MHD Datasheet HTML 7Page - Nichicon corporation UPJ2A331MHD Datasheet HTML 8Page - Nichicon corporation UPJ2A331MHD Datasheet HTML 9Page - Nichicon corporation UPJ2A331MHD Datasheet HTML 10Page - Nichicon corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
ALUMINUM ELECTROLYTIC CAPACITORS
CAT.8100M
ALUMINUM ELECTROLYTIC CAPACITORS
UPJ
Rated Voltage
(V)
(code)
Rated
Capacitance
(µF)
Case Size
φD×L(mm)
tan δ
Leakage Current
(µA)
Impedance(Ω)
max.
Rated Ripple
(mArms)
Part Number
(
at 20℃ after
1 minute
) 20℃/
100kHz
-10℃/
100kHz
105℃/
10 to
200kHz
105℃/
120Hz
63
(1J)
47
8×11.5
0.08
88.83
0.37
0.93
365
215
 UPJ1J470MPD
56
8×15
0.08
105.84
0.31
0.78
450
275
 UPJ1J560MPD
56
10×12.5
0.08
105.84
0.34
0.85
450
275
 UPJ1J560MPD6
68
8×15
0.08
128.52
0.26
0.65
500
315
 UPJ1J680MPD
68
10×12.5
0.08
128.52
0.28
0.70
495
310
 UPJ1J680MPD6
82
8×20
0.08
154.98
0.22
0.55
600
385
 UPJ1J820MPD
82
10×16
0.08
154.98
0.24
0.60
580
375
 UPJ1J820MPD6
100
10×20
0.08
189
0.18
0.45
750
495
 UPJ1J101MPD
100
12.5×15
0.08
189
0.20
0.50
695
460
 UPJ1J101MHD6
120
10×20
0.08
226.8
0.15
0.38
820
555
 UPJ1J121MPD
120
12.5×15
0.08
226.8
0.18
0.45
750
510
 UPJ1J121MHD6
150
10×25
0.08
283.5
0.13
0.33
950
665
 UPJ1J151MPD
150
12.5×15
0.08
283.5
0.14
0.35
845
590
 UPJ1J151MHD6
180
10×30.5
0.08
340.2
0.11
0.28
1110
790
 UPJ1J181MPD
180
16×15
0.08
340.2
0.12
0.30
1050
750
 UPJ1J181MHD6
220
12.5×20
0.08
415.8
0.094
0.24
1140
835
 UPJ1J221MHD
220
16×15
0.08
415.8
0.10
0.25
1120
820
 UPJ1J221MHD6
270
12.5×25
0.08
510.3
0.081
0.20
1340
1000
 UPJ1J271MHD
270
18×15
0.08
510.3
0.088
0.22
1290
965
 UPJ1J271MHD6
330
12.5×25
0.08
623.7
0.072
0.18
1420
1090
 UPJ1J331MHD
330
18×15
0.08
623.7
0.078
0.20
1410
1080
 UPJ1J331MHD6
390
12.5×30.5
0.08
737.1
0.059
0.15
1620
1260
 UPJ1J391MHD
390
16×20
0.08
737.1
0.070
0.18
1500
1170
 UPJ1J391MHD6
470
12.5×35.5
0.08
888.3
0.052
0.13
1780
1420
 UPJ1J471MHD
470
16×25
0.08
888.3
0.063
0.16
1700
1350
 UPJ1J471MHD6
560
12.5×40
0.08
1058.4
0.047
0.12
1950
1580
 UPJ1J561MHD
560
18×20
0.08
1058.4
0.058
0.15
1730
1400
 UPJ1J561MHD6
680
16×30.5
0.08
1285.2
0.043
0.11
2050
1700
 UPJ1J681MHD
680
18×25
0.08
1285.2
0.051
0.13
1940
1610
 UPJ1J681MHD6
820
16×35.5
0.08
1549.8
0.040
0.10
2220
1880
 UPJ1J821MHD
820
18×30.5
0.08
1549.8
0.043
0.12
2110
1780
 UPJ1J821MHD6
1000
16×40
0.08
1890
0.037
0.093
2370
2050
 UPJ1J102MHD
1000
18×35.5
0.08
1890
0.040
0.10
2280
1970
 UPJ1J102MHD6
1200
18×40
0.08
2268
0.034
0.085
2510
2210
 UPJ1J122MHD
Dimensions
For cut leads, formed leads or taped parts, please add the appropriate code after the size code (12th digit ).
If there is no size code in the part number, please add size code “1” and then add the appropriate code.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com