Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPJ2A331MHD Datasheet(PDF) 7 Page - Nichicon corporation

Part # UPJ2A331MHD
Description  ALUMINUM ELECTROLYTIC CAPACITORS
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NICHICON [Nichicon corporation]
Direct Link  http://www.nichicon-us.com
Logo NICHICON - Nichicon corporation

UPJ2A331MHD Datasheet(HTML) 7 Page - Nichicon corporation

Back Button UPJ2A331MHD Datasheet HTML 2Page - Nichicon corporation UPJ2A331MHD Datasheet HTML 3Page - Nichicon corporation UPJ2A331MHD Datasheet HTML 4Page - Nichicon corporation UPJ2A331MHD Datasheet HTML 5Page - Nichicon corporation UPJ2A331MHD Datasheet HTML 6Page - Nichicon corporation UPJ2A331MHD Datasheet HTML 7Page - Nichicon corporation UPJ2A331MHD Datasheet HTML 8Page - Nichicon corporation UPJ2A331MHD Datasheet HTML 9Page - Nichicon corporation UPJ2A331MHD Datasheet HTML 10Page - Nichicon corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
ALUMINUM ELECTROLYTIC CAPACITORS
CAT.8100M
ALUMINUM ELECTROLYTIC CAPACITORS
UPJ
Rated Voltage
(V)
(code)
Rated
Capacitance
(µF)
Case Size
φD×L(mm)
tan δ
Leakage Current
(µA)
Impedance(Ω)
max.
Rated Ripple
(mArms)
Part Number
(
at 20℃ after
1 minute
) 20℃/
100kHz
-10℃/
100kHz
105℃/
10 to
200kHz
105℃/
120Hz
50
(1H)
68
8×11.5
0.10
102
0.28
0.70
410
255
 UPJ1H680MPD
82
8×15
0.10
123
0.22
0.55
500
320
 UPJ1H820MPD
82
10×12.5
0.10
123
0.23
0.58
510
330
 UPJ1H820MPD6
100
8×20
0.10
150
0.18
0.45
620
410
 UPJ1H101MPD
100
10×16
0.10
150
0.21
0.53
580
385
 UPJ1H101MPD6
120
8×20
0.10
180
0.16
0.40
670
455
 UPJ1H121MPD
120
10×16
0.10
180
0.17
0.43
640
435
 UPJ1H121MPD6
150
10×20
0.10
225
0.13
0.33
820
570
 UPJ1H151MPD
150
12.5×15
0.10
225
0.14
0.35
785
545
 UPJ1H151MHD6
180
10×20
0.10
270
0.11
0.28
890
635
 UPJ1H181MPD
180
12.5×15
0.10
270
0.12
0.31
845
605
 UPJ1H181MHD6
220
10×25
0.10
330
0.098
0.25
1040
760
 UPJ1H221MPD
220
12.5×15
0.10
330
0.10
0.25
920
670
 UPJ1H221MHD6
270
10×30.5
0.10
405
0.085
0.21
1200
900
 UPJ1H271MPD
270
16×15
0.10
405
0.091
0.23
1120
840
 UPJ1H271MHD6
330
10×30.5
0.10
495
0.072
0.18
1300
995
 UPJ1H331MPD
330
16×15
0.10
495
0.078
0.20
1210
925
 UPJ1H331MHD6
390
12.5×25
0.10
585
0.053
0.13
1440
1120
 UPJ1H391MHD
390
16×15
0.10
585
0.072
0.18
1270
990
 UPJ1H391MHD6
470
12.5×25
0.10
705
0.048
0.12
1500
1190
 UPJ1H471MHD
470
18×15
0.10
705
0.060
0.15
1470
1170
 UPJ1H471MHD6
560
12.5×30.5
0.10
840
0.040
0.10
1680
1360
 UPJ1H561MHD
560
16×20
0.10
840
0.053
0.13
1550
1260
 UPJ1H561MHD6
680
12.5×35.5
0.10
1020
0.036
0.09
1850
1530
 UPJ1H681MHD
680
16×20
0.10
1020
0.048
0.12
1630
1350
 UPJ1H681MHD6
820
12.5×40
0.10
1230
0.033
0.083
2010
1700
 UPJ1H821MHD
820
18×20
0.10
1230
0.043
0.11
1810
1530
 UPJ1H821MHD6
1000
16×30.5
0.10
1500
0.030
0.075
2120
1830
 UPJ1H102MHD
1000
18×25
0.10
1500
0.036
0.090
2000
1730
 UPJ1H102MHD6
1200
16×35.5
0.10
1800
0.028
0.070
2260
1990
 UPJ1H122MHD
1200
18×30.5
0.10
1800
0.031
0.078
2140
1880
 UPJ1H122MHD6
1500
16×40
0.10
2250
0.026
0.065
2410
2170
 UPJ1H152MHD
1500
18×30.5
0.10
2250
0.029
0.073
2220
1990
 UPJ1H152MHD6
1800
18×35.5
0.10
2700
0.025
0.063
2460
2210
 UPJ1H182MHD
2200
18×40
0.12
3300
0.024
0.060
2560
2300
 UPJ1H222MHD
Dimensions
For cut leads, formed leads or taped parts, please add the appropriate code after the size code (12th digit ).
If there is no size code in the part number, please add size code “1” and then add the appropriate code.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com