Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPJ2A331MHD Datasheet(PDF) 10 Page - Nichicon corporation

Part # UPJ2A331MHD
Description  ALUMINUM ELECTROLYTIC CAPACITORS
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NICHICON [Nichicon corporation]
Direct Link  http://www.nichicon-us.com
Logo NICHICON - Nichicon corporation

UPJ2A331MHD Datasheet(HTML) 10 Page - Nichicon corporation

Back Button UPJ2A331MHD Datasheet HTML 2Page - Nichicon corporation UPJ2A331MHD Datasheet HTML 3Page - Nichicon corporation UPJ2A331MHD Datasheet HTML 4Page - Nichicon corporation UPJ2A331MHD Datasheet HTML 5Page - Nichicon corporation UPJ2A331MHD Datasheet HTML 6Page - Nichicon corporation UPJ2A331MHD Datasheet HTML 7Page - Nichicon corporation UPJ2A331MHD Datasheet HTML 8Page - Nichicon corporation UPJ2A331MHD Datasheet HTML 9Page - Nichicon corporation UPJ2A331MHD Datasheet HTML 10Page - Nichicon corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
ALUMINUM ELECTROLYTIC CAPACITORS
CAT.8100M
ALUMINUM ELECTROLYTIC CAPACITORS
UPJ
Rated Voltage
(V)
(code)
Rated
Capacitance
(µF)
Case Size
φD×L(mm)
tan δ
Leakage Current
(µA)
Impedance(Ω)
max.
Rated Ripple
(mArms)
Part Number
(
at 20℃ after
1 minute
) 20℃/
100kHz
-10℃/
100kHz
105℃/
10 to
200kHz
105℃/
120Hz
100
(2A)
22
8×11.5
0.08
66
0.55
1.50
230
122
 UPJ2A220MPD
27
8×15
0.08
81
0.47
1.30
269
146
 UPJ2A270MPD
27
10×12.5
0.08
81
0.50
1.40
268
145
 UPJ2A270MPD6
33
8×15
0.08
99
0.38
1.00
299
169
 UPJ2A330MPD
33
10×12.5
0.08
99
0.42
1.10
293
166
 UPJ2A330MPD6
39
8×20
0.08
117
0.33
0.89
352
202
 UPJ2A390MPD
39
10×16
0.08
117
0.36
0.97
337
193
 UPJ2A390MPD6
47
10×20
0.08
141
0.28
0.76
423
252
 UPJ2A470MPD
47
12.5×15
0.08
141
0.31
0.84
402
239
 UPJ2A470MHD6
56
10×20
0.08
168
0.24
0.65
456
274
 UPJ2A560MPD
56
12.5×15
0.08
168
0.27
0.73
430
258
 UPJ2A560MHD6
68
10×25
0.08
204
0.21
0.57
526
326
 UPJ2A680MPD
68
12.5×15
0.08
204
0.23
0.62
466
289
 UPJ2A680MHD6
82
10×30.5
0.08
246
0.18
0.49
606
386
 UPJ2A820MPD
82
16×15
0.08
246
0.19
0.51
681
433
 UPJ2A820MHD6
100
10×30.5
0.08
300
0.15
0.41
663
438
 UPJ2A101MPD
100
16×15
0.08
300
0.17
0.46
719
475
 UPJ2A101MHD6
120
12.5×25
0.08
360
0.13
0.35
774
519
 UPJ2A121MHD
120
16×15
0.08
360
0.14
0.38
793
531
 UPJ2A121MHD6
150
12.5×25
0.08
450
0.11
0.30
798
553
 UPJ2A151MHD
150
18×15
0.08
450
0.12
0.32
917
635
 UPJ2A151MHD6
180
12.5×30.5
0.08
540
0.098
0.26
904
641
 UPJ2A181MHD
180
16×20
0.08
540
0.11
0.30
995
706
 UPJ2A181MHD6
220
12.5×35.5
0.08
660
0.087
0.23
1000
730
 UPJ2A221MHD
220
16×25
0.08
660
0.093
0.25
1170
854
 UPJ2A221MHD6
270
12.5×40
0.08
810
0.072
0.19
1130
843
 UPJ2A271MHD
270
18×20
0.08
810
0.080
0.22
1230
918
 UPJ2A271MHD6
330
16×30.5
0.08
990
0.062
0.17
1520
1160
 UPJ2A331MHD
330
18×25
0.08
990
0.070
0.19
1420
1080
 UPJ2A331MHD6
390
16×35.5
0.08
1170
0.053
0.14
1730
1340
 UPJ2A391MHD
390
18×30.5
0.08
1170
0.062
0.17
1600
1240
 UPJ2A391MHD6
470
16×40
0.08
1410
0.047
0.13
1920
1530
 UPJ2A471MHD
470
18×35.5
0.08
1410
0.056
0.15
1770
1410
 UPJ2A471MHD6
560
18×35.5
0.08
1680
0.041
0.11
2070
1680
 UPJ2A561MHD
680
18×40
0.08
2040
0.036
0.097
2300
1910
 UPJ2A681MHD
Dimensions
For cut leads, formed leads or taped parts, please add the appropriate code after the size code (12th digit ).
If there is no size code in the part number, please add size code “1” and then add the appropriate code.
For formed lead or taped product specifications and minimum order quantity,
please refer to the Guidelines for Aluminum Electrolytic Capacitors.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com