Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPJ2A331MHD Datasheet(PDF) 9 Page - Nichicon corporation

Part # UPJ2A331MHD
Description  ALUMINUM ELECTROLYTIC CAPACITORS
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NICHICON [Nichicon corporation]
Direct Link  http://www.nichicon-us.com
Logo NICHICON - Nichicon corporation

UPJ2A331MHD Datasheet(HTML) 9 Page - Nichicon corporation

Back Button UPJ2A331MHD Datasheet HTML 2Page - Nichicon corporation UPJ2A331MHD Datasheet HTML 3Page - Nichicon corporation UPJ2A331MHD Datasheet HTML 4Page - Nichicon corporation UPJ2A331MHD Datasheet HTML 5Page - Nichicon corporation UPJ2A331MHD Datasheet HTML 6Page - Nichicon corporation UPJ2A331MHD Datasheet HTML 7Page - Nichicon corporation UPJ2A331MHD Datasheet HTML 8Page - Nichicon corporation UPJ2A331MHD Datasheet HTML 9Page - Nichicon corporation UPJ2A331MHD Datasheet HTML 10Page - Nichicon corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
ALUMINUM ELECTROLYTIC CAPACITORS
CAT.8100M
ALUMINUM ELECTROLYTIC CAPACITORS
UPJ
Rated Voltage
(V)
(code)
Rated
Capacitance
(µF)
Case Size
φD×L(mm)
tan δ
Leakage Current
(µA)
Impedance(Ω)
max.
Rated Ripple
(mArms)
Part Number
(
at 20℃ after
1 minute
) 20℃/
100kHz
-10℃/
100kHz
105℃/
10 to
200kHz
105℃/
120Hz
80
(1K)
33
8×11.5
0.08
79.2
0.53
1.40
234
132
 UPJ1K330MPD
39
8×15
0.08
93.6
0.46
1.20
272
156
 UPJ1K390MPD
39
10×12.5
0.08
93.6
0.49
1.30
271
155
 UPJ1K390MPD6
47
8×15
0.08
112.8
0.39
1.10
295
175
 UPJ1K470MPD
47
10×12.5
0.08
112.8
0.42
1.10
293
174
 UPJ1K470MPD6
56
8×20
0.08
134.4
0.34
0.92
347
208
 UPJ1K560MPD
56
10×16
0.08
134.4
0.36
0.97
337
202
 UPJ1K560MPD6
68
10×20
0.08
163.2
0.28
0.76
426
264
 UPJ1K680MPD
68
12.5×15
0.08
163.2
0.31
0.84
402
249
 UPJ1K680MHD6
82
10×20
0.08
196.8
0.25
0.68
447
284
 UPJ1K820MPD
82
12.5×15
0.08
196.8
0.27
0.73
430
273
 UPJ1K820MHD6
100
10×25
0.08
240
0.21
0.57
526
347
 UPJ1K101MPD
100
12.5×15
0.08
240
0.23
0.62
466
308
 UPJ1K101MHD6
120
10×30.5
0.08
288
0.18
0.49
606
406
 UPJ1K121MPD
120
16×15
0.08
288
0.20
0.54
663
444
 UPJ1K121MHD6
150
10×30.5
0.08
360
0.15
0.41
663
459
 UPJ1K151MPD
150
16×15
0.08
360
0.18
0.47
699
484
 UPJ1K151MHD6
180
12.5×25
0.08
432
0.13
0.35
734
520
 UPJ1K181MHD
180
16×15
0.08
432
0.15
0.41
766
543
 UPJ1K181MHD6
220
12.5×30.5
0.08
528
0.12
0.32
816
595
 UPJ1K221MHD
220
18×15
0.08
528
0.13
0.35
881
643
 UPJ1K221MHD6
270
12.5×30.5
0.08
648
0.10
0.27
894
667
 UPJ1K271MHD
270
16×20
0.08
648
0.11
0.30
995
742
 UPJ1K271MHD6
330
12.5×35.5
0.08
792
0.088
0.24
1000
767
 UPJ1K331MHD
330
16×25
0.08
792
0.099
0.27
1140
874
 UPJ1K331MHD6
390
12.5×40
0.08
936
0.078
0.21
1060
822
 UPJ1K391MHD
390
18×20
0.08
936
0.089
0.24
1170
908
 UPJ1K391MHD6
470
16×30.5
0.08
1128
0.069
0.19
1450
1150
 UPJ1K471MHD
470
18×25
0.08
1128
0.080
0.22
1330
1060
 UPJ1K471MHD6
560
16×35.5
0.08
1344
0.062
0.17
1600
1300
 UPJ1K561MHD
560
18×30.5
0.08
1344
0.072
0.19
1490
1210
 UPJ1K561MHD6
680
16×40
0.08
1632
0.055
0.15
1770
1470
 UPJ1K681MHD
680
18×30.5
0.08
1632
0.065
0.18
1560
1300
 UPJ1K681MHD6
820
18×35.5
0.08
1968
0.049
0.13
1890
1590
 UPJ1K821MHD
1000
18×40
0.08
2400
0.044
0.12
2080
1790
 UPJ1K102MHD
Dimensions
For cut leads, formed leads or taped parts, please add the appropriate code after the size code (12th digit ).
If there is no size code in the part number, please add size code “1” and then add the appropriate code.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com