Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPJ2A331MHD Datasheet(PDF) 6 Page - Nichicon corporation

Part # UPJ2A331MHD
Description  ALUMINUM ELECTROLYTIC CAPACITORS
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NICHICON [Nichicon corporation]
Direct Link  http://www.nichicon-us.com
Logo NICHICON - Nichicon corporation

UPJ2A331MHD Datasheet(HTML) 6 Page - Nichicon corporation

Back Button UPJ2A331MHD Datasheet HTML 2Page - Nichicon corporation UPJ2A331MHD Datasheet HTML 3Page - Nichicon corporation UPJ2A331MHD Datasheet HTML 4Page - Nichicon corporation UPJ2A331MHD Datasheet HTML 5Page - Nichicon corporation UPJ2A331MHD Datasheet HTML 6Page - Nichicon corporation UPJ2A331MHD Datasheet HTML 7Page - Nichicon corporation UPJ2A331MHD Datasheet HTML 8Page - Nichicon corporation UPJ2A331MHD Datasheet HTML 9Page - Nichicon corporation UPJ2A331MHD Datasheet HTML 10Page - Nichicon corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
ALUMINUM ELECTROLYTIC CAPACITORS
CAT.8100M
ALUMINUM ELECTROLYTIC CAPACITORS
UPJ
Rated Voltage
(V)
(code)
Rated
Capacitance
(µF)
Case Size
φD×L(mm)
tan δ
Leakage Current
(µA)
Impedance(Ω)
max.
Rated Ripple
(mArms)
Part Number
(
at 20℃ after
1 minute
) 20℃/
100kHz
-10℃/
100kHz
105℃/
10 to
200kHz
105℃/
120Hz
35
(1V)
100
8×11.5
0.12
105
0.26
0.65
460
305
 UPJ1V101MPD
120
8×15
0.12
126
0.22
0.55
550
370
 UPJ1V121MPD
120
10×12.5
0.12
126
0.24
0.60
555
375
 UPJ1V121MPD6
150
8×15
0.12
157.5
0.18
0.45
595
415
 UPJ1V151MPD
150
10×12.5
0.12
157.5
0.20
0.50
625
435
 UPJ1V151MPD6
180
8×20
0.12
189
0.16
0.40
730
520
 UPJ1V181MPD
180
10×16
0.12
189
0.18
0.45
700
500
 UPJ1V181MPD6
220
8×20
0.12
231
0.13
0.33
795
580
 UPJ1V221MPD
220
10×16
0.12
231
0.14
0.35
770
560
 UPJ1V221MPD6
270
10×20
0.12
283.5
0.11
0.28
985
735
 UPJ1V271MPD
270
12.5×15
0.12
283.5
0.13
0.33
920
690
 UPJ1V271MHD6
330
10×20
0.12
346.5
0.096
0.24
1060
810
 UPJ1V331MPD
330
12.5×15
0.12
346.5
0.10
0.25
1020
780
 UPJ1V331MHD6
390
10×25
0.12
409.5
0.084
0.21
1220
955
 UPJ1V391MPD
390
12.5×15
0.12
409.5
0.096
0.24
1060
825
 UPJ1V391MHD6
470
10×30.5
0.12
493.5
0.072
0.18
1420
1130
 UPJ1V471MPD
470
16×15
0.12
493.5
0.084
0.21
1270
1010
 UPJ1V471MHD6
560
12.5×20
0.12
588
0.059
0.15
1430
1160
 UPJ1V561MHD
560
16×15
0.12
588
0.075
0.19
1360
1100
 UPJ1V561MHD6
680
12.5×25
0.12
714
0.048
0.12
1660
1370
 UPJ1V681MHD
680
18×15
0.12
714
0.066
0.17
1540
1270
 UPJ1V681MHD6
820
12.5×25
0.12
861
0.042
0.11
1760
1490
 UPJ1V821MHD
820
18×15
0.12
861
0.060
0.15
1620
1370
 UPJ1V821MHD6
1000
12.5×30.5
0.12
1050
0.035
0.088
1980
1710
 UPJ1V102MHD
1000
16×20
0.12
1050
0.050
0.13
1770
1530
 UPJ1V102MHD6
1200
12.5×35.5
0.12
1260
0.031
0.078
2180
1920
 UPJ1V122MHD
1200
16×25
0.12
1260
0.041
0.10
1980
1740
 UPJ1V122MHD6
1500
12.5×40
0.12
1575
0.029
0.073
2360
2120
 UPJ1V152MHD
1500
18×20
0.12
1575
0.040
0.10
2050
1840
 UPJ1V152MHD6
1800
16×30.5
0.12
1890
0.027
0.068
2470
2220
 UPJ1V182MHD
1800
18×25
0.12
1890
0.034
0.085
2290
2060
 UPJ1V182MHD6
2200
16×35.5
0.14
2310
0.024
0.060
2680
2410
 UPJ1V222MHD
2200
18×30.5
0.14
2310
0.028
0.070
2490
2240
 UPJ1V222MHD6
2700
16×40
0.14
2835
0.022
0.055
2900
2610
 UPJ1V272MHD
2700
18×35.5
0.14
2835
0.026
0.065
2690
2420
 UPJ1V272MHD6
3300
18×40
0.16
3465
0.021
0.053
3040
2730
 UPJ1V332MHD
Dimensions
For cut leads, formed leads or taped parts, please add the appropriate code after the size code (12th digit ).
If there is no size code in the part number, please add size code “1” and then add the appropriate code.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com