Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPJ2A331MHD Datasheet(PDF) 5 Page - Nichicon corporation

Part # UPJ2A331MHD
Description  ALUMINUM ELECTROLYTIC CAPACITORS
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NICHICON [Nichicon corporation]
Direct Link  http://www.nichicon-us.com
Logo NICHICON - Nichicon corporation

UPJ2A331MHD Datasheet(HTML) 5 Page - Nichicon corporation

  UPJ2A331MHD Datasheet HTML 1Page - Nichicon corporation UPJ2A331MHD Datasheet HTML 2Page - Nichicon corporation UPJ2A331MHD Datasheet HTML 3Page - Nichicon corporation UPJ2A331MHD Datasheet HTML 4Page - Nichicon corporation UPJ2A331MHD Datasheet HTML 5Page - Nichicon corporation UPJ2A331MHD Datasheet HTML 6Page - Nichicon corporation UPJ2A331MHD Datasheet HTML 7Page - Nichicon corporation UPJ2A331MHD Datasheet HTML 8Page - Nichicon corporation UPJ2A331MHD Datasheet HTML 9Page - Nichicon corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
ALUMINUM ELECTROLYTIC CAPACITORS
CAT.8100M
ALUMINUM ELECTROLYTIC CAPACITORS
UPJ
Rated Voltage
(V)
(code)
Rated
Capacitance
(µF)
Case Size
φD×L(mm)
tan δ
Leakage Current
(µA)
Impedance(Ω)
max.
Rated Ripple
(mArms)
Part Number
(
at 20℃ after
1 minute
) 20℃/
100kHz
-10℃/
100kHz
105℃/
10 to
200kHz
105℃/
120Hz
25
(1E)
150
8×11.5
0.14
112.5
0.26
0.65
460
320
 UPJ1E151MPD
180
8×15
0.14
135
0.22
0.55
550
390
 UPJ1E181MPD
180
10×12.5
0.14
135
0.24
0.60
555
395
 UPJ1E181MPD6
220
8×15
0.14
165
0.18
0.45
625
455
 UPJ1E221MPD
220
10×12.5
0.14
165
0.21
0.53
600
435
 UPJ1E221MPD6
270
8×20
0.14
202.5
0.15
0.38
750
560
 UPJ1E271MPD
270
10×16
0.14
202.5
0.18
0.45
700
525
 UPJ1E271MPD6
330
8×20
0.14
247.5
0.13
0.33
795
610
 UPJ1E331MPD
330
10×16
0.14
247.5
0.15
0.38
750
575
 UPJ1E331MPD6
390
10×20
0.14
292.5
0.11
0.28
985
770
 UPJ1E391MPD
390
12.5×15
0.14
292.5
0.13
0.33
920
720
 UPJ1E391MHD6
470
10×20
0.14
352.5
0.10
0.25
1020
810
 UPJ1E471MPD
470
12.5×15
0.14
352.5
0.11
0.28
985
785
 UPJ1E471MHD6
560
10×25
0.14
420
0.084
0.21
1220
990
 UPJ1E561MPD
560
12.5×15
0.14
420
0.10
0.25
1060
860
 UPJ1E561MHD6
680
10×30.5
0.14
510
0.072
0.18
1420
1180
 UPJ1E681MPD
680
16×15
0.14
510
0.084
0.21
1270
1050
 UPJ1E681MHD6
820
12.5×20
0.14
615
0.059
0.15
1430
1210
 UPJ1E821MHD
820
16×15
0.14
615
0.079
0.20
1340
1130
 UPJ1E821MHD6
1000
12.5×25
0.14
750
0.048
0.12
1660
1430
 UPJ1E102MHD
1000
18×15
0.14
750
0.066
0.17
1520
1310
 UPJ1E102MHD6
1200
12.5×25
0.14
900
0.043
0.11
1760
1550
 UPJ1E122MHD
1200
18×15
0.14
900
0.061
0.15
1600
1400
 UPJ1E122MHD6
1500
12.5×30.5
0.14
1125
0.035
0.088
1980
1780
 UPJ1E152MHD
1500
16×20
0.14
1125
0.050
0.13
1770
1590
 UPJ1E152MHD6
1800
12.5×35.5
0.14
1350
0.032
0.08
2180
1960
 UPJ1E182MHD
1800
16×25
0.14
1350
0.041
0.10
1980
1780
 UPJ1E182MHD6
2200
12.5×40
0.16
1650
0.029
0.073
2360
2120
 UPJ1E222MHD
2200
18×20
0.16
1650
0.040
0.10
2050
1840
 UPJ1E222MHD6
2700
16×30.5
0.16
2025
0.027
0.068
2470
2220
 UPJ1E272MHD
2700
18×25
0.16
2025
0.034
0.085
2290
2060
 UPJ1E272MHD6
3300
16×35.5
0.18
2475
0.025
0.063
2680
2410
 UPJ1E332MHD
3300
18×30.5
0.18
2475
0.029
0.073
2490
2240
 UPJ1E332MHD6
3900
16×40
0.18
2925
0.023
0.058
2820
2530
 UPJ1E392MHD
3900
18×35.5
0.18
2925
0.026
0.065
2690
2420
 UPJ1E392MHD6
4700
18×40
0.20
3525
0.022
0.055
2960
2660
 UPJ1E472MHD
Dimensions
For cut leads, formed leads or taped parts, please add the appropriate code after the size code (12th digit ).
If there is no size code in the part number, please add size code “1” and then add the appropriate code.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com