Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPJ2A331MHD Datasheet(PDF) 2 Page - Nichicon corporation

Part # UPJ2A331MHD
Description  ALUMINUM ELECTROLYTIC CAPACITORS
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NICHICON [Nichicon corporation]
Direct Link  http://www.nichicon-us.com
Logo NICHICON - Nichicon corporation

UPJ2A331MHD Datasheet(HTML) 2 Page - Nichicon corporation

  UPJ2A331MHD Datasheet HTML 1Page - Nichicon corporation UPJ2A331MHD Datasheet HTML 2Page - Nichicon corporation UPJ2A331MHD Datasheet HTML 3Page - Nichicon corporation UPJ2A331MHD Datasheet HTML 4Page - Nichicon corporation UPJ2A331MHD Datasheet HTML 5Page - Nichicon corporation UPJ2A331MHD Datasheet HTML 6Page - Nichicon corporation UPJ2A331MHD Datasheet HTML 7Page - Nichicon corporation UPJ2A331MHD Datasheet HTML 8Page - Nichicon corporation UPJ2A331MHD Datasheet HTML 9Page - Nichicon corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
ALUMINUM ELECTROLYTIC CAPACITORS
CAT.8100M
ALUMINUM ELECTROLYTIC CAPACITORS
UPJ
Rated Voltage
(V)
(code)
Rated
Capacitance
(µF)
Case Size
φD×L(mm)
tan δ
Leakage Current
(µA)
Impedance(Ω)
max.
Rated Ripple
(mArms)
Part Number
(
at 20℃ after
1 minute
) 20℃/
100kHz
-10℃/
100kHz
105℃/
10 to
200kHz
105℃/
120Hz
6.3
(0J)
390
8×11.5
0.22
73.71
0.27
0.68
445
345
 UPJ0J391MPD
470
8×15
0.22
88.83
0.22
0.55
550
435
 UPJ0J471MPD
470
10×12.5
0.22
88.83
0.23
0.58
575
455
 UPJ0J471MPD6
560
8×15
0.22
105.84
0.19
0.48
595
480
 UPJ0J561MPD
560
10×12.5
0.22
105.84
0.21
0.53
600
485
 UPJ0J561MPD6
680
8×20
0.22
128.52
0.16
0.40
730
605
 UPJ0J681MPD
680
10×16
0.22
128.52
0.18
0.45
700
580
 UPJ0J681MPD6
820
8×20
0.22
154.98
0.13
0.33
795
670
 UPJ0J821MPD
820
10×16
0.22
154.98
0.15
0.38
750
635
 UPJ0J821MPD6
1000
10×20
0.22
189
0.12
0.30
950
820
 UPJ0J102MPD
1000
12.5×15
0.22
189
0.13
0.33
890
765
 UPJ0J102MHD6
1200
10×20
0.22
226.8
0.10
0.25
1020
895
 UPJ0J122MPD
1200
12.5×15
0.22
226.8
0.12
0.30
950
835
 UPJ0J122MHD6
1500
10×25
0.22
283.5
0.084
0.21
1220
1090
 UPJ0J152MPD
1500
12.5×15
0.22
283.5
0.10
0.25
1020
915
 UPJ0J152MHD6
1800
10×30.5
0.22
340.2
0.078
0.20
1370
1230
 UPJ0J182MPD
1800
16×15
0.22
340.2
0.084
0.21
1270
1140
 UPJ0J182MHD6
2200
10×30.5
0.24
415.8
0.066
0.17
1470
1320
 UPJ0J222MPD
2200
16×15
0.24
415.8
0.078
0.20
1340
1200
 UPJ0J222MHD6
2700
12.5×25
0.24
510.3
0.051
0.14
1590
1430
 UPJ0J272MHD
2700
18×15
0.24
510.3
0.072
0.18
1500
1350
 UPJ0J272MHD6
3300
12.5×25
0.26
623.7
0.045
0.11
1710
1530
 UPJ0J332MHD
3300
18×15
0.26
623.7
0.065
0.16
1600
1440
 UPJ0J332MHD6
3900
12.5×30.5
0.26
737.1
0.037
0.093
1910
1710
 UPJ0J392MHD
3900
16×20
0.26
737.1
0.056
0.14
1720
1540
 UPJ0J392MHD6
4700
12.5×35.5
0.28
888.3
0.034
0.085
2100
1890
 UPJ0J472MHD
4700
18×20
0.28
888.3
0.050
0.13
1920
1720
 UPJ0J472MHD6
5600
12.5×40
0.30
1058.4
0.031
0.078
2270
2040
 UPJ0J562MHD
5600
18×20
0.30
1058.4
0.047
0.12
1980
1780
 UPJ0J562MHD6
6800
16×30.5
0.32
1285.2
0.029
0.073
2370
2130
 UPJ0J682MHD
6800
18×25
0.32
1285.2
0.039
0.098
2210
1980
 UPJ0J682MHD6
8200
16×35.5
0.36
1549.8
0.027
0.068
2550
2290
 UPJ0J822MHD
8200
18×30.5
0.36
1549.8
0.031
0.078
2390
2150
 UPJ0J822MHD6
10000
16×40
0.40
1890
0.025
0.063
2750
2470
 UPJ0J103MHD
10000
18×30.5
0.40
1890
0.028
0.070
2490
2240
 UPJ0J103MHD6
12000
18×35.5
0.44
2268
0.023
0.058
2820
2530
 UPJ0J123MHD
15000
18×40
0.50
2835
0.022
0.055
2960
2660
 UPJ0J153MHD
Dimensions
For cut leads, formed leads or taped parts, please add the appropriate code after the size code (12th digit ).
If there is no size code in the part number, please add size code “1” and then add the appropriate code.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com