Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPJ2A331MHD Datasheet(PDF) 4 Page - Nichicon corporation

Part # UPJ2A331MHD
Description  ALUMINUM ELECTROLYTIC CAPACITORS
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NICHICON [Nichicon corporation]
Direct Link  http://www.nichicon-us.com
Logo NICHICON - Nichicon corporation

UPJ2A331MHD Datasheet(HTML) 4 Page - Nichicon corporation

  UPJ2A331MHD Datasheet HTML 1Page - Nichicon corporation UPJ2A331MHD Datasheet HTML 2Page - Nichicon corporation UPJ2A331MHD Datasheet HTML 3Page - Nichicon corporation UPJ2A331MHD Datasheet HTML 4Page - Nichicon corporation UPJ2A331MHD Datasheet HTML 5Page - Nichicon corporation UPJ2A331MHD Datasheet HTML 6Page - Nichicon corporation UPJ2A331MHD Datasheet HTML 7Page - Nichicon corporation UPJ2A331MHD Datasheet HTML 8Page - Nichicon corporation UPJ2A331MHD Datasheet HTML 9Page - Nichicon corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
ALUMINUM ELECTROLYTIC CAPACITORS
CAT.8100M
ALUMINUM ELECTROLYTIC CAPACITORS
UPJ
Rated Voltage
(V)
(code)
Rated
Capacitance
(µF)
Case Size
φD×L(mm)
tan δ
Leakage Current
(µA)
Impedance(Ω)
max.
Rated Ripple
(mArms)
Part Number
(
at 20℃ after
1 minute
) 20℃/
100kHz
-10℃/
100kHz
105℃/
10 to
200kHz
105℃/
120Hz
16
(1C)
220
8×11.5
0.16
105.6
0.26
0.65
460
335
 UPJ1C221MPD
270
8×15
0.16
129.6
0.22
0.55
550
410
 UPJ1C271MPD
270
10×12.5
0.16
129.6
0.22
0.55
575
430
 UPJ1C271MPD6
330
8×15
0.16
158.4
0.18
0.45
595
455
 UPJ1C331MPD
330
10×12.5
0.16
158.4
0.18
0.45
625
480
 UPJ1C331MPD6
390
8×20
0.16
187.2
0.16
0.40
730
570
 UPJ1C391MPD
390
10×16
0.16
187.2
0.16
0.40
730
570
 UPJ1C391MPD6
470
8×20
0.16
225.6
0.14
0.35
770
615
 UPJ1C471MPD
470
10×16
0.16
225.6
0.14
0.35
770
615
 UPJ1C471MPD6
560
10×20
0.16
268.8
0.12
0.30
950
770
 UPJ1C561MPD
560
12.5×15
0.16
268.8
0.13
0.33
920
745
 UPJ1C561MHD6
680
10×20
0.16
326.4
0.10
0.25
1020
845
 UPJ1C681MPD
680
12.5×15
0.16
326.4
0.11
0.28
985
815
 UPJ1C681MHD6
820
10×25
0.16
393.6
0.084
0.21
1220
1030
 UPJ1C821MPD
820
12.5×15
0.16
393.6
0.096
0.24
1060
895
 UPJ1C821MHD6
1000
10×30.5
0.16
480
0.072
0.18
1410
1210
 UPJ1C102MPD
1000
16×15
0.16
480
0.084
0.21
1270
1090
 UPJ1C102MHD6
1200
12.5×20
0.16
576
0.060
0.15
1430
1250
 UPJ1C122MHD
1200
16×15
0.16
576
0.072
0.18
1390
1220
 UPJ1C122MHD6
1500
12.5×25
0.16
720
0.048
0.12
1660
1490
 UPJ1C152MHD
1500
18×15
0.16
720
0.066
0.17
1560
1400
 UPJ1C152MHD6
1800
12.5×30.5
0.16
864
0.039
0.10
1880
1690
 UPJ1C182MHD
1800
16×20
0.16
864
0.054
0.14
1700
1530
 UPJ1C182MHD6
2200
12.5×30.5
0.18
1056
0.034
0.085
2010
1800
 UPJ1C222MHD
2200
16×20
0.18
1056
0.048
0.12
1800
1620
 UPJ1C222MHD6
2700
12.5×35.5
0.18
1296
0.031
0.078
2220
1990
 UPJ1C272MHD
2700
16×25
0.18
1296
0.040
0.10
2010
1800
 UPJ1C272MHD6
3300
12.5×40
0.20
1584
0.028
0.07
2410
2160
 UPJ1C332MHD
3300
18×20
0.20
1584
0.039
0.10
2090
1880
 UPJ1C332MHD6
3900
16×30.5
0.20
1872
0.027
0.068
2470
2220
 UPJ1C392MHD
3900
18×25
0.20
1872
0.034
0.085
2290
2060
 UPJ1C392MHD6
4700
16×35.5
0.22
2256
0.025
0.063
2680
2410
 UPJ1C472MHD
4700
18×30.5
0.22
2256
0.028
0.070
2490
2240
 UPJ1C472MHD6
5600
16×40
0.24
2688
0.024
0.060
2820
2530
 UPJ1C562MHD
5600
18×35.5
0.24
2688
0.027
0.068
2620
2350
 UPJ1C562MHD6
6800
18×35.5
0.26
3264
0.022
0.055
2900
2610
 UPJ1C682MHD
8200
18×40
0.30
3936
0.021
0.053
3040
2730
 UPJ1C822MHD
Dimensions
For cut leads, formed leads or taped parts, please add the appropriate code after the size code (12th digit ).
If there is no size code in the part number, please add size code “1” and then add the appropriate code.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com