Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC16F570 Datasheet(PDF) 37 Page - Microchip Technology

Part # PIC16F570
Description  20-Pin, 8-Bit Flash Microcontroller
PDF  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F570 Datasheet(HTML) 37 Page - Microchip Technology

Back Button PIC16F570 Datasheet HTML 33Page - Microchip Technology PIC16F570 Datasheet HTML 34Page - Microchip Technology PIC16F570 Datasheet HTML 35Page - Microchip Technology PIC16F570 Datasheet HTML 36Page - Microchip Technology PIC16F570 Datasheet HTML 37Page - Microchip Technology PIC16F570 Datasheet HTML 38Page - Microchip Technology PIC16F570 Datasheet HTML 39Page - Microchip Technology PIC16F570 Datasheet HTML 40Page - Microchip Technology PIC16F570 Datasheet HTML 41Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 134 page
background image
 2012-2014 Microchip Technology Inc.
DS40001652C-page 37
PIC16F527
8.0
SPECIAL FEATURES OF THE
CPU
What sets a microcontroller apart from other
processors are special circuits that deal with the needs
of
real-time
applications.
The
PIC16F527
microcontrollers have a host of such features intended
to maximize system reliability, minimize cost through
elimination of external components, provide power-
saving operating modes and offer code protection.
These features are:
• Oscillator Selection
• Reset:
- Power-on Reset (POR)
- Brown-out Reset (BOR)
- Device Reset Timer (DRT)
- Wake-up from Sleep on Pin Change
• Interrupts
• Automatic Context Saving
• Watchdog Timer (WDT)
• Sleep
• Code Protection
• ID Locations
• In-Circuit Serial Programming™
•Clock Out
The device has a Watchdog Timer, which can be shut
off only through Configuration bit WDTE. The
Watchdog Timer runs off of its own RC oscillator for
added reliability.
There is also a Device Reset Timer (DRT), intended to
keep the chip in Reset until the crystal oscillator is
stable. The DRT can be enabled with the DRTEN
Configuration bit. For the HS, XT or LP oscillator
options, the 18 ms (nominal) delay is always provided
by the Device Reset Timer and the DRTEN bit is
ignored. When using the EC clock, INTRC or EXTRC
oscillator options, there is a standard delay of 10 us on
power-up, which can be extended to 18 ms with the
use of the DRT timer. With the DRT timer on-chip,
most applications require no additional external Reset
circuitry.
The Sleep mode is designed to offer a very low current
Power-Down mode. The user can wake-up from Sleep
through a change on input pin or through a Watchdog
Timer time-out. Several oscillator options are also
made available to allow the part to fit the application,
including an internal 4/8 MHz oscillator. The EXTRC
oscillator option saves system cost while the LP crystal
option saves power. A set of Configuration bits are
used to select various options.
8.1
Configuration Bits
The PIC16F527 Configuration Words consist of 12 bits,
although some bits may be unimplemented and read as
‘1’. Configuration bits can be programmed to select
various device configurations (see Register 8-1).
Note:
For QTP and SQTP code applications, if
the device is configured such that the
Internal Oscillator is selected and the
MCLRE fuse is cleared, it is possible for
code to execute when memory is verified
in ICSP™ mode. If customer code writes
to Flash data memory, the potential exists
for corruption of addresses 400h to 43Fh
during code verification. In this configura-
tion, Flash data memory should be erased
in code prior to being written in code.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com