Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC16F570 Datasheet(PDF) 98 Page - Microchip Technology

Part # PIC16F570
Description  20-Pin, 8-Bit Flash Microcontroller
PDF  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F570 Datasheet(HTML) 98 Page - Microchip Technology

Back Button PIC16F570 Datasheet HTML 94Page - Microchip Technology PIC16F570 Datasheet HTML 95Page - Microchip Technology PIC16F570 Datasheet HTML 96Page - Microchip Technology PIC16F570 Datasheet HTML 97Page - Microchip Technology PIC16F570 Datasheet HTML 98Page - Microchip Technology PIC16F570 Datasheet HTML 99Page - Microchip Technology PIC16F570 Datasheet HTML 100Page - Microchip Technology PIC16F570 Datasheet HTML 101Page - Microchip Technology PIC16F570 Datasheet HTML 102Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 98 / 134 page
background image
PIC16F527
DS40001652C-page 98
 2012-2014 Microchip Technology Inc.
TABLE 15-16: THERMAL CONSIDERATIONS
TABLE 15-15: FLASH DATA MEMORY WRITE/ERASE TIME
AC CHARACTERISTICS
Standard Operating Conditions (unless otherwise specified)
Operating Temperature -40
C  TA  +85C (industrial)
-40
C  TA  +125C (extended)
Operating Voltage VDD range is described in
Section 15.1 “DC Characteristics: PIC16F527 (Industrial)”.
Param.
No.
Sym.
Characteristic
Min.
Typ.(1) Max.
Units
Conditions
43
TDW
Flash Data Memory
Write Cycle Time
23.5
5
ms
44
TDE
Flash Data Memory
Erase Cycle Time
23.5
5
ms
Note 1:
Data in the Typical (“Typ”) column is at 5V, 25°C unless otherwise stated. These parameters are for design
guidance only and are not tested.
Standard Operating Conditions (unless otherwise stated)
VDD = 5.0V
Operating temperature: 25°C
Param.
No.
Sym.
Characteristic
Typ.
Units
Conditions
TH01
JA
Thermal Resistance Junction to Ambient
62.2
C/W
20-pin PDIP package
77.7
C/W
20-pin SOIC package
87.3
C/W
20-pin SSOP package
43
C/W
20-pin QFN 4x4mm package
32.8
C/W
20-pin UQFN 4x4mm package
41
C/W
20-pin UQFN 3x3mm package
TH02
JC
Thermal Resistance Junction to Case
27.5
C/W
20-pin PDIP package
23.1
C/W
20-pin SOIC package
31.1
C/W
20-pin SSOP package
5.3
C/W
20-pin QFN 4x4mm package
27.4
C/W
20-pin UQFN 4x4mm package
49
C/W
20-pin UQFN 3x3mm package
TH03
TJMAX
Maximum Junction Temperature
150
C
TH04
PD
Power Dissipation
—
W
PD = PINTERNAL + PI/O
TH05
PINTERNAL Internal Power Dissipation
—
W
PINTERNAL = IDD x VDD(1)
TH06
PI/O
I/O Power Dissipation
—
W
PI/O =
 (IOL * VOL) +  (IOH * (VDD - VOH))
TH07
PDER
Derated Power
—
W
PDER = PDMAX (TJ - TA)/
JA(2)
Note 1:
IDD is current to run the chip alone without driving any load on the output pins.
2:
TA = Ambient Temperature. TJ = Junction Temperature.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com