Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC16F570 Datasheet(PDF) 86 Page - Microchip Technology

Part # PIC16F570
Description  20-Pin, 8-Bit Flash Microcontroller
PDF  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F570 Datasheet(HTML) 86 Page - Microchip Technology

Back Button PIC16F570 Datasheet HTML 82Page - Microchip Technology PIC16F570 Datasheet HTML 83Page - Microchip Technology PIC16F570 Datasheet HTML 84Page - Microchip Technology PIC16F570 Datasheet HTML 85Page - Microchip Technology PIC16F570 Datasheet HTML 86Page - Microchip Technology PIC16F570 Datasheet HTML 87Page - Microchip Technology PIC16F570 Datasheet HTML 88Page - Microchip Technology PIC16F570 Datasheet HTML 89Page - Microchip Technology PIC16F570 Datasheet HTML 90Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 134 page
background image
PIC16F527
DS40001652C-page 86
 2012-2014 Microchip Technology Inc.
VOH
Output High Voltage
D090
I/O ports/CLKOUT
VDD –
0.7
——
V
IOH = -3.0 mA, VDD = 4.5V, -40
C to
+85
C
D090A
VDD –
0.7
——
V
IOH = -2.5 mA, VDD = 4.5V, -40
C to
+125
C
D092
OSC2
VDD –
0.7
——
V
IOH = -1.3 mA, VDD = 4.5V, -40
C to
+85
C
D092A
VDD –
0.7
——
V
IOH = -1.0 mA, VDD = 4.5V, -40
C to
+125
C
TABLE 15-1:
DC CHARACTERISTICS: PIC16F527 (INDUSTRIAL, EXTENDED) (CONTINUED)
DC CHARACTERISTICS
Standard Operating Conditions (unless otherwise specified)
Operating temperature
-40°C
 TA  +85°C (industrial)
-40°C
 TA  +125°C (extended)
Param.
No.
Sym.
Characteristic
Min.
Typ.†
Max.
Units
Conditions
†
Data in “Typ” column is at 5V, 25°C unless otherwise stated. These parameters are for design guidance only and are not
tested.
Note 1: In EXTRC oscillator configuration, the OSC1/CLKIN pin is a Schmitt Trigger input. It is not recommended that the
PIC16F527 be driven with external clock in RC mode.
2: The leakage current on the MCLR pin is strongly dependent on the applied voltage level. The specified levels represent
normal operating conditions. Higher leakage current may be measured at different input voltages.
3: Negative current is defined as coming out of the pin.
4: This spec applies to all weak pull-up devices, including the weak pull-up found on MCLR.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com