Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC16F570 Datasheet(PDF) 38 Page - Microchip Technology

Part # PIC16F570
Description  20-Pin, 8-Bit Flash Microcontroller
PDF  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F570 Datasheet(HTML) 38 Page - Microchip Technology

Back Button PIC16F570 Datasheet HTML 34Page - Microchip Technology PIC16F570 Datasheet HTML 35Page - Microchip Technology PIC16F570 Datasheet HTML 36Page - Microchip Technology PIC16F570 Datasheet HTML 37Page - Microchip Technology PIC16F570 Datasheet HTML 38Page - Microchip Technology PIC16F570 Datasheet HTML 39Page - Microchip Technology PIC16F570 Datasheet HTML 40Page - Microchip Technology PIC16F570 Datasheet HTML 41Page - Microchip Technology PIC16F570 Datasheet HTML 42Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 134 page
background image
PIC16F527
DS40001652C-page 38
 2012-2014 Microchip Technology Inc.
8.2
Register Definitions — Configuration Word
REGISTER 8-1:
CONFIG: CONFIGURATION WORD REGISTER
U-1
U-1
R/P-1
R/P-1
R/P-1
R/P-1
R/P-1
R/P-1
R/P-1
R/P-1
R/P-1
R/P-1
—
—
DRTEN BOREN CPSW IOSCFS MCLRE
CP
WDTE FOSC2 FOSC1 FOSC0
bit 11
bit 0
Legend:
R = Readable bit
P = Programmable bit
U = Unimplemented bit, read as ‘1’
‘0’ = Bit is cleared
‘1’ = Bit is set
-n = Value when blank or after Bulk Erase
bit 11-10 Unimplemented: Read as ‘1’
bit 9
DRTEN: Device Reset Timer Enable bit
1 =DRT Enabled (18 ms)
0 =DRT Disabled
bit 8
BOREN: Brown-out Reset Enable bit
1 = BOR Enabled
0 = BOR Disabled
bit 7
CPSW: Code Protection bit – Self Writable Memory
1 = Code protection off
0 = Code protection on
bit 6
IOSCFS: Internal Oscillator Frequency Select bit
1 = 8 MHz INTOSC speed
0 = 4 MHz INTOSC speed
bit 5
MCLRE: Master Clear Enable bit
1 =RA3/MCLR pin functions as MCLR
0 =RA3/MCLR pin functions as RA3, MCLR tied internally to VDD
bit 4
CP: Code Protection bit – User Program Memory
1 = Code protection off
0 = Code protection on
bit 3
WDTE: Watchdog Timer Enable bit
1 = WDT enabled
0 = WDT disabled
bit 2-0
FOSC<2:0>: Oscillator Selection bits
000 = LP oscillator and automatic 18 ms DRT (DRTEN fuse ignored)
001 = XT oscillator and automatic 18 ms DRT (DRTEN fuse ignored)
010 = HS oscillator and automatic 18 ms DRT (DRTEN fuse ignored)
011 = EC oscillator with RA4 function on RA4/OSC2/CLKOUT and 10 us start-up time(2,3)
100 = INTRC with RA4 function on RA4/OSC2/CLKOUT and 10 us start-up time(2,3)
101 = INTRC with CLKOUT function on RA4/OSC2/CLKOUT and 10 us start-up time(2,3)
110 = EXTRC with RA4 function on RA4/OSC2/CLKOUT and 10 us start-up time(2,3)
111 = EXTRC with CLKOUT function on RA4/OSC2/CLKOUT and 10 us start-up time(2,3)
Note 1: Refer to the “PIC16F527 Memory Programming Specification” (DS41640) to determine how to access the
Configuration Word.
2: DRT length and start-up time are functions of the Clock mode selection. It is the responsibility of the
application designer to ensure the use of either will result in acceptable operation. Refer to Section 15.0
“Electrical Characteristics” for VDD rise time and stability requirements for this mode of operation.
3: The optional DRTEN fuse can be used to extend the start-up time to 18 ms.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com