Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC16F570 Datasheet(PDF) 59 Page - Microchip Technology

Part # PIC16F570
Description  20-Pin, 8-Bit Flash Microcontroller
PDF  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F570 Datasheet(HTML) 59 Page - Microchip Technology

Back Button PIC16F570 Datasheet HTML 55Page - Microchip Technology PIC16F570 Datasheet HTML 56Page - Microchip Technology PIC16F570 Datasheet HTML 57Page - Microchip Technology PIC16F570 Datasheet HTML 58Page - Microchip Technology PIC16F570 Datasheet HTML 59Page - Microchip Technology PIC16F570 Datasheet HTML 60Page - Microchip Technology PIC16F570 Datasheet HTML 61Page - Microchip Technology PIC16F570 Datasheet HTML 62Page - Microchip Technology PIC16F570 Datasheet HTML 63Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 134 page
background image
 2012-2014 Microchip Technology Inc.
DS40001652C-page 59
PIC16F527
9.1.7
SLEEP
This ADC does not have a dedicated ADC clock, and
therefore, no conversion in Sleep is possible. If a
conversion is underway and a Sleep command is
executed, the GO/DONE and ADON bits will be
cleared. This will stop any conversion in process and
power-down the ADC module to conserve power. Due
to the nature of the conversion process, the ADRES
may contain a partial conversion. At least one bit must
have been converted prior to Sleep to have partial con-
version data in ADRES. The ADCS and CHS bits are
reset to their default condition; ANS<7:0> = 1s and
CHS<3:0> = 1s.
• For accurate conversions, TAD must meet the
following:
•500 ns < TAD < 50
s
•TAD = 1/(FOSC/divisor)
Shaded areas indicate TAD out of range for accurate
conversions. If analog input is desired at these
frequencies, use INTOSC/8 for the ADC clock source.
TABLE 9-1:
TAD FOR ADCS SETTINGS WITH VARIOUS OSCILLATORS
TABLE 9-2:
EFFECTS OF SLEEP ON ADCON0
Source
ADCS
<1:0>
Divisor
20
MHz
16
MHz
8 MHz 4 MHz 1 MHz
500
kHz
350
kHz
200
kHz
100
kHz
32 kHz
INTOSC
11
4
—
—.5
s1 s
—
—
—
—
—
—
FOSC
10
4
.2
s
.25
s.5 s1 s4 s8 s11 s20 s40 s
125
s
FOSC
01
8
.4
s.5 s1 s2 s8 s16 s23 s40 s
80
s
250
s
FOSC
00
16
.8
s1 s2 s4 s16 s32 s46 s
80
s 160 s 500 s
ANS<7:0>
ADCS1
ADCS0
CHS<3:0>
GO/DONE
ADON
Entering Sleep
Unchanged
11
1
0
0
Wake or Reset
11
1
1
0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com