Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC16F570 Datasheet(PDF) 47 Page - Microchip Technology

Part # PIC16F570
Description  20-Pin, 8-Bit Flash Microcontroller
PDF  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F570 Datasheet(HTML) 47 Page - Microchip Technology

Back Button PIC16F570 Datasheet HTML 43Page - Microchip Technology PIC16F570 Datasheet HTML 44Page - Microchip Technology PIC16F570 Datasheet HTML 45Page - Microchip Technology PIC16F570 Datasheet HTML 46Page - Microchip Technology PIC16F570 Datasheet HTML 47Page - Microchip Technology PIC16F570 Datasheet HTML 48Page - Microchip Technology PIC16F570 Datasheet HTML 49Page - Microchip Technology PIC16F570 Datasheet HTML 50Page - Microchip Technology PIC16F570 Datasheet HTML 51Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 134 page
background image
 2012-2014 Microchip Technology Inc.
DS40001652C-page 47
PIC16F527
FIGURE 8-11:
WATCHDOG TIMER BLOCK DIAGRAM
TABLE 8-5:
REGISTERS ASSOCIATED WITH THE WATCHDOG TIMER
8.8
Time-out Sequence (TO) and
Power-down (PD) Reset Status
The TO and PD bits in the STATUS register can be
tested to determine if a Reset condition has been
caused by a power-up condition, a MCLR or Watchdog
Timer (WDT) Reset.
TABLE 8-6:
TO/PD STATUS AFTER RESET
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Register on
page
OPTION
RAWU
RAPU
T0SC
T0SE
PSA
PS2
PS1
PS0
17
Legend: Shaded boxes = Not used by Watchdog Timer.
(Figure 7-1)
Postscaler
Note 1: PSA, PS<2:0> are bits in the OPTION register.
WDT Time-out
Watchdog
Time
From Timer0 Clock Source
WDT Enable
Configuration
Bit
PSA
Postscaler
8-to-1 MUX
PS<2:0>(1)
(Figure 7-4)
To Timer0
0
1
M
U
X
1
0
PSA(1)
MUX
TO
PD
Reset Caused By
00
WDT wake-up from Sleep
0u
WDT time-out (not from Sleep)
10
MCLR wake-up from Sleep
11
Power-up or Brown-out Reset
uu
MCLR not during Sleep
Legend: u = unchanged
Note 1:
The TO and PD bits maintain their status
(u) until a Reset occurs. A low pulse on
the MCLR input does not change the TO
and PD Status bits.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com