Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC16F570 Datasheet(PDF) 51 Page - Microchip Technology

Part # PIC16F570
Description  20-Pin, 8-Bit Flash Microcontroller
PDF  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F570 Datasheet(HTML) 51 Page - Microchip Technology

Back Button PIC16F570 Datasheet HTML 47Page - Microchip Technology PIC16F570 Datasheet HTML 48Page - Microchip Technology PIC16F570 Datasheet HTML 49Page - Microchip Technology PIC16F570 Datasheet HTML 50Page - Microchip Technology PIC16F570 Datasheet HTML 51Page - Microchip Technology PIC16F570 Datasheet HTML 52Page - Microchip Technology PIC16F570 Datasheet HTML 53Page - Microchip Technology PIC16F570 Datasheet HTML 54Page - Microchip Technology PIC16F570 Datasheet HTML 55Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 134 page
background image
 2012-2014 Microchip Technology Inc.
DS40001652C-page 51
PIC16F527
8.14
Register Definitions — Interrupt Control
REGISTER 8-2:
INTCON0 REGISTER
R/W-0
R/W-0
R/W-0
R/W-0
U-0
U-0
U-0
R/W-0
ADIF
CWIF
T0IF
RAIF
—
—
—
GIE
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 7
ADIF: A/D Converter Interrupt Flag bit
1 = A/D conversion complete (must be cleared by software)
0 = A/D conversion has not completed or has not been started
bit 6
CWIF: Comparator 1 or 2 Interrupt Flag bit
1 = Comparator interrupt-on-change has occurred(1)
0 = No change in Comparator 1 or 2 output
bit 5
T0IF: Timer0 Overflow Interrupt Flag bit
1 = TMR0 register has overflowed (must be cleared by software)
0 = TMR0 register did not overflow
bit 4
RAIF: Port A Interrupt-on-change Flag bit
1 = Wake-up or interrupt has occurred (cleared in software)(2)
0 = Wake-up or interrupt has not occurred
bit 3-1
Unimplemented: Read as ‘0’
bit 0
GIE: Global Interrupt Enable bit
1 = Interrupt sets PC to address 0x004 (Vector to ISR)
0 = Interrupt causes wake-up and inline code execution
Note 1: This bit only functions when the C1WU or C2WU bits are set (see Register 10-1 and Register 10-2).
2: The RAWU bit of the OPTION register must be set to enable this function (see Register 4-2).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com