Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC16F570 Datasheet(PDF) 63 Page - Microchip Technology

Part # PIC16F570
Description  20-Pin, 8-Bit Flash Microcontroller
PDF  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F570 Datasheet(HTML) 63 Page - Microchip Technology

Back Button PIC16F570 Datasheet HTML 59Page - Microchip Technology PIC16F570 Datasheet HTML 60Page - Microchip Technology PIC16F570 Datasheet HTML 61Page - Microchip Technology PIC16F570 Datasheet HTML 62Page - Microchip Technology PIC16F570 Datasheet HTML 63Page - Microchip Technology PIC16F570 Datasheet HTML 64Page - Microchip Technology PIC16F570 Datasheet HTML 65Page - Microchip Technology PIC16F570 Datasheet HTML 66Page - Microchip Technology PIC16F570 Datasheet HTML 67Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 134 page
background image
 2012-2014 Microchip Technology Inc.
DS40001652C-page 63
PIC16F527
10.9
Register Definitions — Comparator Control
REGISTER 10-1:
CM1CON0: COMPARATOR C1 CONTROL REGISTER
R-1
R/W-1
R/W-1
R/W-1
R/W-1
R/W-1
R/W-1
R/W-1
C1OUT
C1OUTEN
C1POL
C1T0CS
C1ON
C1NREF
C1PREF
C1WU
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 7
C1OUT: Comparator Output bit
1 = VIN+ > VIN-
0 = VIN+ < VIN-
bit 6
C1OUTEN: Comparator Output Enable bit(1)
1 = Output of comparator is NOT placed on the C1OUT pin
0 = Output of comparator is placed in the C1OUT pin
bit 5
C1POL: Comparator Output Polarity bit
1 = Output of comparator is not inverted
0 = Output of comparator is inverted
bit 4
C1T0CS: Comparator TMR0 Clock Source bit
1 = TMR0 clock source selected by T0CS control bit
0 = Comparator output used as TMR0 clock source
bit 3
C1ON: Comparator Enable bit
1 = Comparator is on
0 = Comparator is off
bit 2
C1NREF: Comparator Negative Reference Select bit(2)
1 = C1IN- pin
0 = 0.6V Fixed Input Reference (VFIR)
bit 1
C1PREF: Comparator Positive Reference Select bit(2)
1 = C1IN+ pin
0 = C1IN- pin
bit 0
C1WU: Comparator Wake-up On Change Enable bit(3)
1 = Wake-up On Comparator Change is disabled
0 = Wake-up On Comparator Change is enabled
Note 1: Overrides TRIS control of the port.
2: When this bit selects an I/O pin and the comparator is turned on, this feature will override the TRIS and
ANSEL settings to make the respective pin an analog input. The value in the ANSEL register, however, is
not overwritten. When the comparator is turned off, the respective pin will revert back to the original TRIS
and ANSEL settings.
3: The C1WU bit must be set to enable the CWIF function. See the INTCON0 register (see Register 8-2) for
more information.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com