Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC16F570 Datasheet(PDF) 132 Page - Microchip Technology

Part # PIC16F570
Description  20-Pin, 8-Bit Flash Microcontroller
PDF  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F570 Datasheet(HTML) 132 Page - Microchip Technology

Back Button PIC16F570 Datasheet HTML 126Page - Microchip Technology PIC16F570 Datasheet HTML 127Page - Microchip Technology PIC16F570 Datasheet HTML 128Page - Microchip Technology PIC16F570 Datasheet HTML 129Page - Microchip Technology PIC16F570 Datasheet HTML 130Page - Microchip Technology PIC16F570 Datasheet HTML 131Page - Microchip Technology PIC16F570 Datasheet HTML 132Page - Microchip Technology PIC16F570 Datasheet HTML 133Page - Microchip Technology PIC16F570 Datasheet HTML 134Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 132 / 134 page
background image
 2012-2014 Microchip Technology Inc.
DS40001652C-page 132
PIC16F527
PRODUCT IDENTIFICATION SYSTEM
To order or obtain information, e.g., on pricing or delivery, refer to the factory or the listed sales office
.
PART NO.
X
/XX
XXX
Pattern
Package
Temperature
Range
Device
Device:
PIC16F527
Tape and Reel
Option:
Blank
= Standard packaging (tube or tray)
T
= Tape and Reel(1)
Temperature
Range:
I= -40
C to +85C
(Industrial)
E= -40
C to +125C
(Extended)
Package:
GZ
=
Micro Lead Frame (4x4x0.5) (UQFN)
JP
=
Micro Lead Frame (3x3x0.5) (UQFN)
ML
=
Micro Lead Frame (4x4x0.9) (QFN)
P
=
Plastic DIP (PDIP)
SO
=
Small Outline (7.50 mm) (SOIC)
SS
=
Shrink Small Outline (5.30 mm) (SSOP)
Pattern:
QTP, SQTP, Code or Special Requirements
(blank otherwise)
Examples:
a)
PIC16F527-E/P 301 = Extended Temp., PDIP
package, QTP pattern #301
b)
PIC16F527-I/SO = Industrial Temp., SOIC
package
c)
PIC16F527T-E/SS = Extended Temp., SSOP
package, Tape and Reel
d)
PIC16F527T-I/ML = Industrial Temp., QFN
Package, Tape and Reel
Note 1:
Tape and Reel identifier only appears in the
catalog part number description. This
identifier is used for ordering purposes and is
not printed on the device package. Check
with your Microchip Sales Office for package
availability with the Tape and Reel option.
[X](1)
Tape and Reel
Option
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com