Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STW4810 Datasheet(PDF) 59 Page - STMicroelectronics

Part # STW4810
Description  Power management for multimedia processors
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STW4810 Datasheet(HTML) 59 Page - STMicroelectronics

Back Button STW4810 Datasheet HTML 55Page - STMicroelectronics STW4810 Datasheet HTML 56Page - STMicroelectronics STW4810 Datasheet HTML 57Page - STMicroelectronics STW4810 Datasheet HTML 58Page - STMicroelectronics STW4810 Datasheet HTML 59Page - STMicroelectronics STW4810 Datasheet HTML 60Page - STMicroelectronics STW4810 Datasheet HTML 61Page - STMicroelectronics STW4810 Datasheet HTML 62Page - STMicroelectronics STW4810 Datasheet HTML 63Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 78 page
background image
STw4810
Electrical and timing characteristics
59/78
5.4.3
CMOS input/output static characteristics: VIO level
USB and control I/Os
Table 46.
VIO level: USB and control I/Os
Symbol
Description
Test conditions
Min.
Typ.
Max.
Units
SW_RESETn, VDDOK, PORN, PWREN, TCXO_EN, REQUEST_MC, CLK32K, CLK32K_IN,
USBOEN, USBVP, USBVM, USBRCV, USBINTn, MASTER_CLK
VIL
(1)
1.
Vio for VIO_VMEM
Low level input
voltage
0.3*Vio
V
VIH
High level input
voltage
0.7*Vio
V
IIL
Low level input
current
-1.0
1.5
µA
IIH
High level input
current
-1.0
1.5
µA
CIN
Input capacitance
10
pF
VOL
Low level output
voltage
IOL = 4 mA
0.2*Vio
V
VOH
High level output
voltage
IOL = 4 mA
0.8*Vio
V
tOF
Output fall time
Capacitance 10pF
10
ns
tOR
Output rise time
Capacitance 10pF
10
ns
CI/O
Driving capability
100
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com