Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STW4810 Datasheet(PDF) 72 Page - STMicroelectronics

Part # STW4810
Description  Power management for multimedia processors
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STW4810 Datasheet(HTML) 72 Page - STMicroelectronics

Back Button STW4810 Datasheet HTML 68Page - STMicroelectronics STW4810 Datasheet HTML 69Page - STMicroelectronics STW4810 Datasheet HTML 70Page - STMicroelectronics STW4810 Datasheet HTML 71Page - STMicroelectronics STW4810 Datasheet HTML 72Page - STMicroelectronics STW4810 Datasheet HTML 73Page - STMicroelectronics STW4810 Datasheet HTML 74Page - STMicroelectronics STW4810 Datasheet HTML 75Page - STMicroelectronics STW4810 Datasheet HTML 76Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 78 page
background image
Package mechanical data
STw4810
72/78
7
Package mechanical data
In order to meet environmental requirements, ST offers these devices in ECOPACK®
packages. These packages have a Lead-free second level interconnect. The category of
second Level Interconnect is marked on the package and on the inner box label, in
compliance with JEDEC Standard JESD97. The maximum ratings related to soldering
conditions are also marked on the inner box label. ECOPACK is an ST trademark.
ECOPACK specifications are available at: www.st.com.
7.1
TFBGA 84 balls
See
Figure 16: TFBGA 84 balls 6x6x1.2mm body size / 0.5 ball pitch drawing.
Table 55.
TFBGA 84 balls 6x6x1.2mm body size / 0.5 ball pitch dimensions(1)
1.
These measurements conform to JEDEC standards
Drawing dimensions (mm)
Min.
Typ.
Max.
A
1.16
A1
0.20
0.25
0.30
A2
0.82
b
0.250.300.35
D
5.906.006.10
D1
4.50
E
5.906.006.10
E1
4.50
e
0.450.500.55
f
0.650.750.85
ddd
0.08



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com