Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STW4810 Datasheet(PDF) 26 Page - STMicroelectronics

Part # STW4810
Description  Power management for multimedia processors
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STW4810 Datasheet(HTML) 26 Page - STMicroelectronics

Back Button STW4810 Datasheet HTML 22Page - STMicroelectronics STW4810 Datasheet HTML 23Page - STMicroelectronics STW4810 Datasheet HTML 24Page - STMicroelectronics STW4810 Datasheet HTML 25Page - STMicroelectronics STW4810 Datasheet HTML 26Page - STMicroelectronics STW4810 Datasheet HTML 27Page - STMicroelectronics STW4810 Datasheet HTML 28Page - STMicroelectronics STW4810 Datasheet HTML 29Page - STMicroelectronics STW4810 Datasheet HTML 30Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 78 page
background image
Functional description
STw4810
26/78
USB interrupt mask false register
USB interrupt mask false register bits enable transition from true to false.
USB interrupt mask true register
USB interrupt mask true register bits enable interrupts on transition from false to true.
USB EN register
Table 15.
USB interrupt mask false register (address = 0Ch and 0Dh)
Register
76543
210
Bit name
cr_int
bdis_
acon
id_float
dn_hi
id_gnd_
forced
dp_hi
sess_vl
d
vbus_vl
d
Default
00000
000
Type
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Table 16.
USB interrupt mask true register (address = 0Eh and 0Fh)
Register
76543
210
Bit name
cr_int
bdis_
acon
id_float
dn_hi
id_gnd_
forced
dp_hi
sess_vl
d
vbus_vl
d
Type
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Table 17.
USB EN register (address = 10h)
Register
76543
210
Bit name
Not used
usb_en
not used
Type
---
---
R/W
-
Bits
Name
Value
Settings
Default
1
usb_en
0
1
Inactive
Enable USB PHY
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com