Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STW4810 Datasheet(PDF) 50 Page - STMicroelectronics

Part # STW4810
Description  Power management for multimedia processors
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STW4810 Datasheet(HTML) 50 Page - STMicroelectronics

Back Button STW4810 Datasheet HTML 46Page - STMicroelectronics STW4810 Datasheet HTML 47Page - STMicroelectronics STW4810 Datasheet HTML 48Page - STMicroelectronics STW4810 Datasheet HTML 49Page - STMicroelectronics STW4810 Datasheet HTML 50Page - STMicroelectronics STW4810 Datasheet HTML 51Page - STMicroelectronics STW4810 Datasheet HTML 52Page - STMicroelectronics STW4810 Datasheet HTML 53Page - STMicroelectronics STW4810 Datasheet HTML 54Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 78 page
background image
Electrical and timing characteristics
STw4810
50/78
5.3.1
Operating conditions
5.3.2
VREF18
Table 36.
Operating conditions (Temp range: -30 to +85 °C)
Symbol
Description
Test conditions
Min.
Typ.
Max.
Units
VBAT
Power supply
2.7
4.8
V
IQSLEEP
Quiescent Current
Sleep mode
170
250
µA
IQSTDBY
Off mode
4
µA
Table 37.
VREF18
Symbol
Description
Test conditions
Min.
Typ.
Max.
Units
VBAT
Supply voltage
2.7
4.8
V
VREF_18
Output voltage
1.78
1.8
1.84
V
PSRR
Power supply
rejection ratio
Vpp = 0.3 V
f
≤100 kHz
60
dB
Noise
100 Hz
≤f ≤100 kHz
30
µV
tS
Settling time
7.77
9.46
ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com