Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STW4810 Datasheet(PDF) 63 Page - STMicroelectronics

Part # STW4810
Description  Power management for multimedia processors
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STW4810 Datasheet(HTML) 63 Page - STMicroelectronics

Back Button STW4810 Datasheet HTML 59Page - STMicroelectronics STW4810 Datasheet HTML 60Page - STMicroelectronics STW4810 Datasheet HTML 61Page - STMicroelectronics STW4810 Datasheet HTML 62Page - STMicroelectronics STW4810 Datasheet HTML 63Page - STMicroelectronics STW4810 Datasheet HTML 64Page - STMicroelectronics STW4810 Datasheet HTML 65Page - STMicroelectronics STW4810 Datasheet HTML 66Page - STMicroelectronics STW4810 Datasheet HTML 67Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 78 page
background image
STw4810
Electrical and timing characteristics
63/78
5.5
USB OTG transceiver
Table 50.
USB OTG transceiver
Symbol
Description
Test conditions
Min.
Typ.
Max.
Units
UART mode
tR
Rise time
CLOAD= [50;100] pF
[10; 90] % of
VOH-VOL
100
ns
tF
Fall time
CLOAD= [50;100] pF
10......90% of
VOH-VOL
100
ns
tPLH
Drive propagation
delay low => high
CLOAD= [50;100] pF
50% of |VOH-VOL|
100
ns
tPHL
Drive propagation
delay high => low
CLOAD= [50;100] pF
50% of |VOH-VOL|
100
ns
USB full speed mode (DP & DN signals)
tR
Rise time
USBVP & USBVM :
- Trise & Tfall < 1 ns
- Skew < 0.66 ns
420
ns
tF
Fall time
4
20
ns
DRFM
Differential rise an fall
time matching
90
111
%
OSCV
Output signal
crossover voltage
1.3
2
V
PDEL
Propagation delay
18
ns
USB low speed mode (DP & DN signals)
tR
Rise time
75
300
ns
tF
Fall time
75
300
ns
DRFM
Differential rise an fall
time matching
80
125
%
OSCV
Output signal
crossover voltage
1.3
2
V
VBUS comparators
VBAT
Input power supply
Battery voltage
3.1
3.6
4.8
V
tRR
Rising reacting time
1.7
µs
tFR
Fall reacting time
2.1
µs
Threshold VBUS monitoring
VBval
VBUS valid
4.4
4.5
4.6
V
VBses
VBUS session valid
1.8
2
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com